データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB090PT データシート(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

部品番号 SB090PT
部品情報  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENMKO [Chenmko Enterprise Co. Ltd.]
ホームページ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SB090PT データシート(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SB090PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SB090PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High reliability
* High surge capability
* High temperature soldering guaranteed :
260
oC/10 seconds , 0.375" (9.5mm) lead length,
5lbs. (2.3kg) tension
Case: JEDEC R-1 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.19 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SB070PT
THRU
SB0B0PT
R-1
R-1
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 70 - 100 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
0.70
0.85
@ TA = 25
oC
@ TA = 100
oC
1.0
10
mAmps
mAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
IR
TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
SB070PT
70
49
70
SB090PT
90
63
90
SB0B0PT
100
70
100
1.0
30
110
80
-65 to +150
Amps
pF
oC / W
oC
Operating Temperature Range
TJ
-65 to +150
oC
SB080PT
80
56
80
R JA
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance ( Junction to Ambient ) : Vertical PC Board Mounting, 0.5" (12.7mm) Lead Length.
.787 (20.0)
MIN.
.106 (2.7)
.126 (3.2)
.787 (20.0)
MIN.
.102 (2.6)
.091 (2.3)
DIA.
.025 (0.65)
.021 (0.55)
DIA.
SB070PT
SB090PT
SB0B0PT
SB080PT


同様の部品番号 - SB090PT

メーカー部品番号データシート部品情報
logo
TRANSYS Electronics Lim...
SB090P125-W-AG TEL-SB090P125-W-AG Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 90 Mils, 125 Volt, 8 Amp
SB090P150-W-AG TEL-SB090P150-W-AG Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 90 Mils, 150 Volt, 8 Amp
SB090P150-W-AG/AL TEL-SB090P150-W-AG/AL Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 90 Mils, 150 Volt, 8 Amp
SB090P200-W-AG TEL-SB090P200-W-AG Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 90 Mils, 200 Volt, 8 Amp
SB090P200-W-AG/AL TEL-SB090P200-W-AG/AL Datasheet
155Kb / 1P
   Schottky Barrier Diode Wafer 90 Mils, 200 Volt, 8 Amp
More results

同様の説明 - SB090PT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com