データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFR305PT データシート(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

部品番号 SFR305PT
部品情報  FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENMKO [Chenmko Enterprise Co. Ltd.]
ホームページ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SFR305PT データシート(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SFR305PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SFR305PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SFR301PT
THRU
SFR306PT
DO-201AD
DO-201AD
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 50 - 800 Volts
CURRENT 3.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
3.0
150
65
-65 to +150
Amps
pF
oC
Operating Temperature Range
TJ
-65 to +125
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
SFR301PT
50
35
50
SFR303PT
200
140
200
SFR304PT
400
280
400
SFR305PT
600
420
600
SFR306PT
800
560
800
SFR302PT
100
70
100
SOFT RECOVERY
FAST SWITCHING RECTIFIER
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High reliability
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* Fast switching
Case: JEDEC DO-201AD molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 1.80 grams
MECHANICAL DATA
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA = 25
oC
Maximum Full Load Reverse Current Average,
Full Cycle 0.375" (9.5mm) lead length at TL = 55
oC
CHARACTERISTICS
SYMBOL
UNITS
1.3
10
150
uAmps
uAmps
Volts
Maximum Instantaneous Forward Voltage at 3.0 A DC
VF
100
150
200
nSec
Maximum Reverse Recovery Time (Note 2)
trr
IR
0.052(1.3)
0.048(1.2)
DIA.
0.220(5.6)
0.197(5.0)
0.375(9.5)
0.335(8.5)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
SFR301PT
SFR303PT SFR304PT
SFR305PT SFR306PT
SFR302PT


同様の部品番号 - SFR305PT

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SFR305 JGD-SFR305 Datasheet
146Kb / 2P
   3.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR305 TSC-SFR305 Datasheet
67Kb / 2P
   3.0 AMPS. Soft Fast Recovery Rectifiers
SFR305 TSC-SFR305 Datasheet
243Kb / 2P
   3.0 AMPS. Soft Fast Recovery Rectifiers
logo
MIC GROUP RECTIFIERS
SFR305 MIC-SFR305 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
More results

同様の説明 - SFR305PT

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
FR101 CHENG-YI-FR101 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
IN4933 CHENG-YI-IN4933 Datasheet
118Kb / 2P
   FAST SWITCHING RECTIFIER
FR301 CHENG-YI-FR301 Datasheet
119Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Digitron Semiconductors
1N5415 DIGITRON-1N5415 Datasheet
95Kb / 1P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR101PT CHENMKO-SFR101PT Datasheet
70Kb / 2P
   FAST SWITCHING RECTIFIER
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com