データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4005SPT データシート(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

部品番号 SM4005SPT
部品情報  GLASS PASSIVATED SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENMKO [Chenmko Enterprise Co. Ltd.]
ホームページ  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SM4005SPT データシート(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SM4005SPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SM4005SPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low leakage current
* Ideal for surface mounted applications
* Metallurgically bonded construction
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SOD-123S molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SM4001SPT
THRU
SM4007SPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
1.0
@ TA = 25
oC
@ TA = 125
oC
5.0
50
uAmps
uAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
30
uAmps
Maximum Full Load Reverse Current,
Full cycle Average at TA = 75
oC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TL = 110
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Maximum Thermal Resistance
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
R JA
VF
IR
TJ, TSTG
IFSM
SM4001SPT SM4002SPT
UNITS
50
Volts
Volts
Volts
Amps
35
50
SM4003SPT
200
140
200
SM4004SPT
280
400
400
SM4005SPT
600
420
600
SM4006SPT
800
560
800
SM4007SPT
1000
700
1000
1.0
30
15
20
50
-65 to +175
Amps
pF
oC / W
oC / W
oC
100
70
100
R JL
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance Junction to terminal, 6.0 mm
2 copper pads to each terminal
3. Thermal Resistance Junction to ambient, 6.0 mm
2 copper pads to each terminal
(Note 2)
(Note 3)
2002-5
SOD-123S
SM4001SPT SM4002SPTSM4003SPT SM4004SPTSM4005SPT SM4006SPT SM4007SPT
1.4~1.95
2.55~3.0
0.5~1.0
0.25(max)
3.5~3.95
0.8~1.35
0.25(min)
Dimensions in millimeters
SOD-123S


同様の部品番号 - SM4005SPT

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SM4005 RECTRON-SM4005 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4005 BILIN-SM4005 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shanghai Shunye Electro...
SM4005 SHUNYE-SM4005 Datasheet
115Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
logo
Bytes
SM4005 BYTES-SM4005 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4005 UNIOHM-SM4005 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

同様の説明 - SM4005SPT

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com