データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0242PWP データシート(PDF) 11 Page - Texas Instruments

部品番号 TPA0242PWP
部品情報  STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA0242PWP データシート(HTML) 11 Page - Texas Instruments

Back Button TPA0242PWP Datasheet HTML 7Page - Texas Instruments TPA0242PWP Datasheet HTML 8Page - Texas Instruments TPA0242PWP Datasheet HTML 9Page - Texas Instruments TPA0242PWP Datasheet HTML 10Page - Texas Instruments TPA0242PWP Datasheet HTML 11Page - Texas Instruments TPA0242PWP Datasheet HTML 12Page - Texas Instruments TPA0242PWP Datasheet HTML 13Page - Texas Instruments TPA0242PWP Datasheet HTML 14Page - Texas Instruments TPA0242PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPA0242
STEREO 2-W AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL AND MUX CONTROL
SLOS287 – NOVEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–10
20
10
100
1k
10k
100k
f – Frequency – Hz
CLOSED LOOP RESPONSE
15
10
5
25
30
–5
0
180
°
90
°
0
°
–90
°
–180
°
1M
RL = 8 Ω
AV = +20 dB
BTL
Gain
Phase
Figure 21
–10
20
10
100
1k
10k
100k
f – Frequency – Hz
CLOSED LOOP RESPONSE
15
10
5
25
30
–5
0
180
°
90
°
0
°
–90
°
–180
°
1M
RL = 8 Ω
AV = +6 dB
BTL
Gain
Phase
Figure 22


同様の部品番号 - TPA0242PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0242PWP TI1-TPA0242PWP Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPR TI1-TPA0242PWPR Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPRG4 TI1-TPA0242PWPRG4 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

同様の説明 - TPA0242PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com