データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2000D2PWP データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2000D2PWP
部品情報  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWP データシート(HTML) 4 Page - Texas Instruments

  TPA2000D2PWP Datasheet HTML 1Page - Texas Instruments TPA2000D2PWP Datasheet HTML 2Page - Texas Instruments TPA2000D2PWP Datasheet HTML 3Page - Texas Instruments TPA2000D2PWP Datasheet HTML 4Page - Texas Instruments TPA2000D2PWP Datasheet HTML 5Page - Texas Instruments TPA2000D2PWP Datasheet HTML 6Page - Texas Instruments TPA2000D2PWP Datasheet HTML 7Page - Texas Instruments TPA2000D2PWP Datasheet HTML 8Page - Texas Instruments TPA2000D2PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPA2000D2
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS291B – MARCH 2000 – REVISED APRIL 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD, PVDD
4.5
5.5
V
High-level input voltage, VIH
GAIN0, GAIN1, SHUTDOWN
2
V
Low-level input voltage, VIL
GAIN0, GAIN1, SHUTDOWN
0.8
V
Operating free-air temperature, TA
–40
85
°C
PWM Frequency
200
300
kHz
electrical characteristics, TA = 25°C, VDD = PVDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOO |
Output offset voltage (measured differentially)
VI = 0 V
10
mV
PSRR
Power supply rejection ratio
VDD=PVDD = 4.5 V to 5.5 V
–77
dB
IIH
High-level input current
VDD=PVDD = 5.5 V, VI = VDD = PVDD
1
µA
IIL
Low-level input current
VDD=PVDD = 5.5 V, VI = 0 V
–1
µA
IDD
Supply current
No filter (with or without speaker load)
8
10
mA
IDD
Supply current
With filter
,L = 22
µH,
C = 1
µF
15
mA
IDD(SD) Supply current, shutdown mode
1
10
µA
operating characteristics, TA = 25°C, VDD = PVDD = 5 V, RL = 4 Ω, Gain = –2 V/V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.1%,
f = 1 kHz,
RL = 3 Ω
2
W
THD+N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 20 kHz
<0.5%
BOM
Maximum output power bandwidth
THD = 5%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
C(BYPASS) = 0.4 µF
–60
dB
SNR
Signal-to-noise ratio
87
dBV
Integrated noise floor
20 Hz to 20 kHz, No input
56
µV
ZI
Input impedance
>20
k
Table 1. Gain Settings
GAIN0
GAIN1
AMPLIFIER GAIN
(dB)
INPUT IMPEDANCE
(k
Ω)
TYP
TYP
0
0
8
104
0
1
12
74
1
0
17.5
44
1
1
23.5
24


同様の部品番号 - TPA2000D2PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D2PWP TI-TPA2000D2PWP Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2PWPG4 TI-TPA2000D2PWPG4 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2PWPR TI-TPA2000D2PWPR Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2PWPRG4 TI-TPA2000D2PWPRG4 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2000D2PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
   2 횞10 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2001D2 TI-TPA2001D2_06 Datasheet
209Kb / 14P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D2 TI-TPA2001D2 Datasheet
180Kb / 13P
[Old version datasheet]   1-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com