データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA302D データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA302D
部品情報  300-mW STEREO AUDIO POWER AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA302D データシート(HTML) 3 Page - Texas Instruments

  TPA302D Datasheet HTML 1Page - Texas Instruments TPA302D Datasheet HTML 2Page - Texas Instruments TPA302D Datasheet HTML 3Page - Texas Instruments TPA302D Datasheet HTML 4Page - Texas Instruments TPA302D Datasheet HTML 5Page - Texas Instruments TPA302D Datasheet HTML 6Page - Texas Instruments TPA302D Datasheet HTML 7Page - Texas Instruments TPA302D Datasheet HTML 8Page - Texas Instruments TPA302D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPA302
300-mW STEREO AUDIO POWER AMPLIFIER
SLOS174B – JANUARY 1997 – REVISE MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dc electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
4
10
mA
VOO
Output offset voltage
See Note 1
5
20
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
65
dB
IDD(SD)
Quiescent current in shutdown
0.6
µA
ac operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
THD < 0.06%
250
PO
Output power
Gain = –1,
THD < 1%
300
mW
PO
Output power
,
f = 1 kHz
THD < 0.06%,
RL = 32 Ω
60
mW
THD < 1%,
RL = 32 Ω
80
BOM
Maximum output power bandwidth
Gain = 10,
1% THD
20
kHz
B1
Unity gain bandwidth
Open loop
1.5
MHz
Channel separation
f = 1 kHz
75
dB
Supply ripple rejection ratio
f = 1 kHz
45
dB
Vn
Noise output voltage
Gain = –1
10
µVrms
typical application
250 mW per Channel at RL = 8 Ω
60 mW per Channel at RL = 32 Ω
Stereo
RL
RL
CC
CC
VO1
VO2
BYPASS
IN2–
IN1–
CB
RF
RF
RI
RI
CI
CI
R
L
Stereo Audio
Input
Bias
Control
From Shutdown
Control Circuit (TPA4860)
CB
VDD
4
3
2
1
8
6
5


同様の部品番号 - TPA302D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302DG4 TI-TPA302DG4 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302DR TI-TPA302DR Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302DRG4 TI-TPA302DRG4 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA302D

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com