データシートサーチシステム |
|
I2040CF-08ST データシート(PDF) 8 Page - PulseCore Semiconductor |
|
I2040CF-08ST データシート(HTML) 8 Page - PulseCore Semiconductor |
8 / 9 page November 2006 P2040C rev 1.6 LCD Panel EMI Reduction IC 8 of 9 Notice: The information in this document is subject to change without notice. Device Ordering Information P2040CF-08ST Licensed under U.S Patent Nos 5,488,627 and 5,631,921 DEVICE NUMBER P = Commercial Temperature Range (0°C to 70°C) I = Industrial Temperature Range (-40°C to 85°C) X = Automotive Temperature Range (-40°C to 125°C) PIN COUNT F = Pb FREE and RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS Package: ST – SOIC, TUBE SR - SOIC, T/R TT – TSSOP, TUBE TR - TSSOP, T/R |
同様の部品番号 - I2040CF-08ST |
|
同様の説明 - I2040CF-08ST |