データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP112AIDRLR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP112AIDRLR
部品情報  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP112AIDRLR データシート(HTML) 11 Page - Texas Instruments

Back Button TMP112AIDRLR Datasheet HTML 7Page - Texas Instruments TMP112AIDRLR Datasheet HTML 8Page - Texas Instruments TMP112AIDRLR Datasheet HTML 9Page - Texas Instruments TMP112AIDRLR Datasheet HTML 10Page - Texas Instruments TMP112AIDRLR Datasheet HTML 11Page - Texas Instruments TMP112AIDRLR Datasheet HTML 12Page - Texas Instruments TMP112AIDRLR Datasheet HTML 13Page - Texas Instruments TMP112AIDRLR Datasheet HTML 14Page - Texas Instruments TMP112AIDRLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SERIAL INTERFACE
SERIAL BUS ADDRESS
BUS OVERVIEW
WRITING/READING OPERATION
TMP112
www.ti.com ......................................................................................................................................................... SBOS473B – MARCH 2009 – REVISED JUNE 2009
Both operating modes are represented in Figure 13.
Table 10 and Table 11 describe the format for the
The TMP112 operates as a slave device only on the
THIGH and TLOW registers. Note that the most
two-wire bus and SMBus. Connections to the bus are
significant byte is sent first, followed by the least
made via the open-drain I/O lines SDA and SCL. The
significant byte. Power-up reset values for THIGH and
SDA
and
SCL
pins
feature
integrated
spike
TLOW are:
suppression filters and Schmitt triggers to minimize
• T
HIGH = +80°C
the effects of input spikes and bus noise. The
• T
LOW = +75°C
TMP112 supports the transmission protocol for both
fast (1kHz to 400kHz) and high-speed (1kHz to
The format of the data for THIGH and TLOW is the same
3.4MHz) modes. All data bytes are transmitted MSB
as for the Temperature Register.
first.
Table 10. Bytes 1 and 2 of THIGH Register
(1)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
To communicate with the TMP112, the master must
H11
H10
H9
H8
H7
H6
H5
H4
1
first address slave devices via a slave address byte.
(H12)
(H11)
(H10)
(H9)
(H8)
(H7)
(H6)
(H5)
The slave address byte consists of seven address
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
bits, and a direction bit indicating the intent of
H3
H2
H1
H0
0
0
0
0
executing a read or write operation.
2
(H4)
(H3)
(H2)
(H1)
(H0)
(0)
(0)
(0)
The TMP112 features an address pin to allow up to
(1) Extended mode 13-bit configuration shown in parenthesis.
four devices to be addressed on a single bus.
Table 12 describes the pin logic levels used to
Table 11. Bytes 1 and 2 of TLOW Register
(1)
properly connect up to four devices.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Table 12. Address Pin and Slave Addresses
L11
L10
L9
L8
L7
L6
L5
L4
1
DEVICE TWO-WIRE
(L12)
(L11)
(L10)
(L9)
(L8)
(L7)
(L6)
(L5)
ADDRESS
A0 PIN CONNECTION
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1001000
Ground
L3
L2
L1
L0
0
0
0
0
2
1001001
V+
(L4)
(L3)
(L2)
(L1)
(L0)
(0)
(0)
(0)
1001010
SDA
(1) Extended mode 13-bit configuration shown in parenthesis.
1001011
SCL
The device that initiates the transfer is called a
Accessing a particular register on the TMP112 is
master, and the devices controlled by the master are
accomplished by writing the appropriate value to the
slaves. The bus must be controlled by a master
Pointer Register. The value for the Pointer Register is
device that generates the serial clock (SCL), controls
the first byte transferred after the slave address byte
the bus access, and generates the START and STOP
with the R/W bit low. Every write operation to the
conditions.
TMP112 requires a value for the Pointer Register
To address a specific device, a START condition is
(see Figure 16).
initiated, indicated by pulling the data-line (SDA) from
When reading from the TMP112, the last value stored
a high to low logic level while SCL is high. All slaves
in the Pointer Register by a write operation is used to
on the bus shift in the slave address byte on the
determine which register is read by a read operation.
rising edge of the clock, with the last bit indicating
To change the register pointer for a read operation, a
whether a read or write operation is intended. During
new value must be written to the Pointer Register.
the ninth clock pulse, the slave being addressed
This action is accomplished by issuing a slave
responds
to
the
master
by
generating
an
address byte with the R/W bit low, followed by the
Acknowledge and pulling SDA low.
Pointer
Register
byte.
No
additional
data
are
Data transfer is then initiated and sent over eight
required. The master can then generate a START
clock pulses followed by an Acknowledge Bit. During
condition and send the slave address byte with the
data transfer SDA must remain stable while SCL is
R/W bit high to initiate the read command. See
high, because any change in SDA while SCL is high
Figure 17 for details of this sequence. If repeated
is interpreted as a START or STOP signal.
Once all data have been transferred, the master
generates a STOP condition indicated by pulling SDA
from low to high, while SCL is high.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP112


同様の部品番号 - TMP112AIDRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP112AIDRLR TI-TMP112AIDRLR Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112AIDRLR TI1-TMP112AIDRLR Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
logo
Guangdong Youtai Semico...
TMP112AIDRLR UMW-TMP112AIDRLR Datasheet
756Kb / 17P
   Temperature range: -55°C ~ 150°C
logo
Texas Instruments
TMP112AIDRLR TI1-TMP112AIDRLR Datasheet
1Mb / 47P
[Old version datasheet]   TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
More results

同様の説明 - TMP112AIDRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com