データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA709MJG データシート(PDF) 5 Page - Texas Instruments

部品番号 UA709MJG
部品情報  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UA709MJG データシート(HTML) 5 Page - Texas Instruments

  UA709MJG Datasheet HTML 1Page - Texas Instruments UA709MJG Datasheet HTML 2Page - Texas Instruments UA709MJG Datasheet HTML 3Page - Texas Instruments UA709MJG Datasheet HTML 4Page - Texas Instruments UA709MJG Datasheet HTML 5Page - Texas Instruments UA709MJG Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
uA709C, uA709M, uA709AM
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS096 – D942, FEBRUARY 1971 – REVISED MAY 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
electrical characteristics at specified free-air temperature (unless otherwise noted VCC ± = ± 15 V)
PARAMETER
TEST CONDITIONS†
TA‡
uA709C
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC
± = ±9V to ±15 V VO =0
25
°C
2
7.5
mV
VIO
Input offset voltage
VCC
± = ±9 V to ±15 V, VO = 0
Full range
10
mV
IIO
Input offset current
VCC
± = ±9V to ±15 V VO =0
25
°C
100
500
nA
IIO
Input offset current
VCC
± = ±9 V to ±15 V, VO = 0
Full range
750
nA
IIB
Input bias current
VCC
± = ±9V to ±15 V VO =0
25
°C
0.3
1.5
µA
IIB
Input bias current
VCC
± = ±9 V to ±15 V, VO = 0
Full range
2
µA
VICR
Common-mode input voltage range
25
°C
±8
±10
V
RL ≥ 10 kΩ
25
°C
24
28
VO(PP)
Maximum peak-to-peak
RL ≥ 10 kΩ
Full range
24
V
VO(PP) output voltage swing
RL = 2 kΩ
25
°C
20
26
V
RL ≥ 2 kΩ
Full range
20
AVD
Large-signal differential
RL ≤ 2kΩ
VO = ± 10 V
25
°C
15
45
V/mV
voltage amplification
RL ≤ 2 kΩ,
VO = ± 10 V
Full range
12
V/mV
ri
Input resistance
25
°C
50
250
k
ri
Input resistance
Full range
35
k
ro
Output resistance
VO = 0,
See Note 5
25
°C
150
CMRR
Common-mode rejection ratio
VIC = VICR min
25
°C
65
90
dB
kSVS
Supply voltage sensitivity
VCC = ± 9 V to ± 15 V
25
°C
25
200
µV/V
PD
Total power dissipation
VO = 0,
No load
25
°C
80
200
mW
† All characteristics are specified under open-loop operation with zero volts common-mode voltage unless otherwise specified.
‡ Full range for uA709C is 0
°C to 70°C. Full range for uA709AM and uA709M is –55°C to 125°C.
NOTE 5: This typical value applies only at frequencies above a few hundred hertz because of the effects of drift and thermal feedback.
operating characteristics, VCC ± = ± 9 V to ± 15 V, TA = 25°C
uA709C
A709M
PARAMETER
TEST CONDITIONS†
uA709M
A709AM
UNIT
PARAMETER
TEST CONDITIONS†
uA709AM
UNIT
MIN
TYP
MAX
tr
Rise time
VI =20mV
RL =2kΩ
See Figure 1
CL = 0
0.3
1
µs
Overshoot factor
VI = 20 mV,
RL = 2 kΩ,
See Figure 1
CL = 100 pF
6%
30%
PARAMETER MEASUREMENT INFORMATION
VI
0 V
INPUT VOLTAGE
WAVEFORM
10 k
200 pF
OUT
FREQ
COMP
50 k
10 k
100 pF
Input
Output
CL = 100 pF
5000 pF
1.5 k
COMP A
RL = 2 kΩ
COMP B
FREQ
FREQ
Figure 1. Rise Time and Slew Rate Test Circuit


同様の部品番号 - UA709MJG

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
UA709 FAIRCHILD-UA709 Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709ADM FAIRCHILD-UA709ADM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709AHM FAIRCHILD-UA709AHM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709DC FAIRCHILD-UA709DC Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709DM FAIRCHILD-UA709DM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
More results

同様の説明 - UA709MJG

メーカー部品番号データシート部品情報
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com