データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1702 データシート(PDF) 1 Page - Texas Instruments

部品番号 UC1702
部品情報  Quad PWM Relay Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1702 データシート(HTML) 1 Page - Texas Instruments

  UC1702 Datasheet HTML 1Page - Texas Instruments UC1702 Datasheet HTML 2Page - Texas Instruments UC1702 Datasheet HTML 3Page - Texas Instruments UC1702 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UC1702
UC2702
UC3702
DESCRIPTION
The UC3702 Quad Relay Driver is intended to drive up to four relays from
logic inputs using an unregulated relay voltage supply. The relays are
driven from the Bus supply in a power efficient PWM converter fashion.
The relay coil is used as the inductive element. (See the application's sec-
tion concerning the relay selection.) VBUS must be higher then the rated
relay voltage. Short circuit protection is provided on chip with periodic retry.
The UC3702 requires a +5V logic supply as a reference. Two external re-
sistors program the effective relay voltage and a capacitor sets the nominal
operating frequency. Internal Schottky diodes eliminate the need for any
external power components.
In typical applications, the UC3702 grants the user the flexibility to choose
the most cost effective relay without the added burden of generating a sep-
arate relay supply voltage. The UC3702 will even function with a poorly
regulated supply VBUS, containing significant 100Hz or 120Hz ripple.
Quad PWM Relay Driver
FEATURES
• Maintains Constant Average
Relay Voltage With Varying
Supply Voltages
• VBUS Voltages up to 42.5V
• Up to 50mA per Relay
• Integrated Schottky Flyback Diodes
• Individual Relay Control Inputs
• Short Circuit Protection
• User Selectable Operating Center
Frequency and Relay Voltage
• Global Reset
SLUS368 - APRIL 1997
BLOCK DIAGRAM
UDG-96009-1


同様の部品番号 - UC1702

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1702 TI1-UC1702 Datasheet
196Kb / 6P
[Old version datasheet]   Quad PWM Relay Driver
UC1702 TI1-UC1702_08 Datasheet
196Kb / 6P
[Old version datasheet]   Quad PWM Relay Driver
More results

同様の説明 - UC1702

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1702 TI1-UC1702_08 Datasheet
196Kb / 6P
[Old version datasheet]   Quad PWM Relay Driver
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
logo
LinkCom Manufacturing C...
DAL000N802PON0-00G LINKCOM-DAL000N802PON0-00G Datasheet
193Kb / 2P
   DALI PWM Relay Driver
logo
IC-Haus GmbH
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
497Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
453Kb / 11P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com