データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAS-32001JLF データシート(PDF) 2 Page - IRC - a TT electronics Company.

部品番号 LAS-32001JLF
部品情報  Low Cost Semi-Precision Power Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRCTT [IRC - a TT electronics Company.]
ホームページ  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LAS-32001JLF データシート(HTML) 2 Page - IRC - a TT electronics Company.

  LAS-32001JLF Datasheet HTML 1Page - IRC - a TT electronics Company. LAS-32001JLF Datasheet HTML 2Page - IRC - a TT electronics Company. LAS-32001JLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (Inches (mm))
IRC
Type
A ±0.032
B (max)
C (max)
D (Lead Diameter)
E (Lead length Min)
LAS-1
0.348 (8.84)
0.110 (2.80)
0.407 (10.34)
0.020 (0.53)
1.475 (37.5)
LAS-3
0.491 (12.47)
0.149 (3.80)
0.550 (13.99)
0.032 (0.81)
1.35 (34.3)
Low Cost Semi-Precision
Power Wirewound Resistor
A
C
B
D
E
Hot Spot Temperature @ 25°C
0
40
80
120
160
200
Percent of 25°C Power
275
250
200
150
100
25
50
LAS3
LAS1
LAS1
Hot Spot Temperature @ 125°C
0
20
40
60
80
100
Percent of 125°C Power Rating
275
250
225
200
175
125
150
LAS3
LAS Series Issue October 2008 Sheet 2 of 3


同様の部品番号 - LAS-32001JLF

メーカー部品番号データシート部品情報
logo
TT Electronics.
LAS-3 TTELEC-LAS-3 Datasheet
348Kb / 3P
   0.1 ohm to 18K ohms
logo
Contrinex AG Industrial...
LAS-3130-109 CONTRINEX-LAS-3130-109 Datasheet
159Kb / 2P
   Photoelektrischer N채herungsschalter
LAS-3130-119 CONTRINEX-LAS-3130-119 Datasheet
160Kb / 2P
   Photoelektrischer N채herungsschalter
logo
Semtech Corporation
LAS-3840 SEMTECH-LAS-3840 Datasheet
244Kb / 4P
   200mA PULSE WIDTH MODULATOR CONTROLLER
LAS-3840P SEMTECH-LAS-3840P Datasheet
244Kb / 4P
   200mA PULSE WIDTH MODULATOR CONTROLLER
More results

同様の説明 - LAS-32001JLF

メーカー部品番号データシート部品情報
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
IRC - a TT electronics ...
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
   Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
logo
Welwyn Components Limit...
PPW WELWYN-PPW Datasheet
136Kb / 2P
   Semi-Precision Power Wirewound Resistors
logo
IRC - a TT electronics ...
T-2B79U49R9 IRCTT-T-2B79U49R9 Datasheet
157Kb / 2P
   COMMERCIAL STYLES SEMI-PRECISION POWER WIREWOUND
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
   Commercial Styles Semi-Precision Power Wirewound Resistors
SPP11001J IRCTT-SPP11001J Datasheet
221Kb / 3P
   Low-Cost General Purpose Conformal Coated Wirewound Resistor
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com