データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAS-12001FLF データシート(PDF) 3 Page - IRC - a TT electronics Company.

部品番号 LAS-12001FLF
部品情報  Low Cost Semi-Precision Power Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRCTT [IRC - a TT electronics Company.]
ホームページ  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

LAS-12001FLF データシート(HTML) 3 Page - IRC - a TT electronics Company.

  LAS-12001FLF Datasheet HTML 1Page - IRC - a TT electronics Company. LAS-12001FLF Datasheet HTML 2Page - IRC - a TT electronics Company. LAS-12001FLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
Type
LAS
Power
3 = 3 watts
1 = 1 watt
Resistance Value
Expressed in ohms
(Standard EIA/MIL Values)
Tolerance
J = ±5%, H = ±3%, F = ±1%, D = ±0.5%
Lead-Free Construction
Ordering Data
LAS - 3
2001
J
LF
Pulse-Handling Capability @ 25°C
0.1
0.2
0.5
1
2
5
10
Resistance (ohms)
12
10
8
6
4
0
2
LAS3
LAS1
14
Low Cost Semi-Precision
Power Wirewound Resistor
25
75
125
175
225
275
200
175
150
125
100
75
Ambient Temperature (°C)
Power Derating Curve
LAS3
LAS1
LAS Series Issue October 2008 Sheet 3 of 3


同様の部品番号 - LAS-12001FLF

メーカー部品番号データシート部品情報
logo
TT Electronics.
LAS-1 TTELEC-LAS-1 Datasheet
348Kb / 3P
   0.1 ohm to 18K ohms
More results

同様の説明 - LAS-12001FLF

メーカー部品番号データシート部品情報
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
IRC - a TT electronics ...
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
   Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
logo
Welwyn Components Limit...
PPW WELWYN-PPW Datasheet
136Kb / 2P
   Semi-Precision Power Wirewound Resistors
logo
IRC - a TT electronics ...
T-2B79U49R9 IRCTT-T-2B79U49R9 Datasheet
157Kb / 2P
   COMMERCIAL STYLES SEMI-PRECISION POWER WIREWOUND
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
   Commercial Styles Semi-Precision Power Wirewound Resistors
SPP11001J IRCTT-SPP11001J Datasheet
221Kb / 3P
   Low-Cost General Purpose Conformal Coated Wirewound Resistor
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com