データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVTN16244B データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LVTN16244B
部品情報  3.3 V 16-bit buffer/driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16244B データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LVTN16244B Datasheet HTML 4Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 5Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 6Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 7Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 8Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 9Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 10Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 11Page - NXP Semiconductors 74LVTN16244B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74LVTN16244B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 13 July 2009
8 of 15
NXP Semiconductors
74LVTN16244B
3.3 V 16-bit buffer/driver; 3-state
10. Dynamic characteristics
[1]
Typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
tPLH
LOW to HIGH
propagation delay
nAn to nYn; see Figure 5
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.0 V to 3.6 V
0.5
1.8
3.2
ns
tPHL
HIGH to LOW
propagation delay
nAn to nYn; see Figure 5
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.0 V to 3.6 V
0.5
1.7
3.2
ns
tPZH
OFF-state to HIGH
propagation delay
nOE to nYn; see Figure 6
VCC = 2.7 V
-
-
5.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.3
4.0
ns
tPZL
OFF-state to LOW
propagation delay
nOE to nYn; see Figure 6
VCC = 2.7 V
-
-
5.3
ns
VCC = 3.0 V to 3.6 V
1.0
2.1
4.0
ns
tPHZ
HIGH to OFF-state
propagation delay
nOE to nYn; see Figure 6
VCC = 2.7 V
-
-
5.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.2
4.5
ns
tPLZ
LOW to OFF-state
propagation delay
nOE to nYn; see Figure 6
VCC = 2.7 V
-
-
4.4
ns
VCC = 3.0 V to 3.6 V
1.0
2.9
4.0
ns


同様の部品番号 - 74LVTN16244B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVTN16244B NXP-74LVTN16244B Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVTN16244BBQ NXP-74LVTN16244BBQ Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
74LVTN16244BDGG NXP-74LVTN16244BDGG Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVTN16244BDGG NEXPERIA-74LVTN16244BDGG Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
More results

同様の説明 - 74LVTN16244B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com