データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC17132 データシート(PDF) 5 Page - Texas Instruments

部品番号 UC17132
部品情報  Smart Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC17132 データシート(HTML) 5 Page - Texas Instruments

  UC17132 Datasheet HTML 1Page - Texas Instruments UC17132 Datasheet HTML 2Page - Texas Instruments UC17132 Datasheet HTML 3Page - Texas Instruments UC17132 Datasheet HTML 4Page - Texas Instruments UC17132 Datasheet HTML 5Page - Texas Instruments UC17132 Datasheet HTML 6Page - Texas Instruments UC17132 Datasheet HTML 7Page - Texas Instruments UC17132 Datasheet HTML 8Page - Texas Instruments UC17132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
UC17131/2/3
UC27131/2/3
UC37131/2/3
ELECTRICAL CHARACTERISTICS Unless otherwise specified, CDEL = 10nF, VCC = 25V, CSL = GND, CSH = LS;
RCSH = 0.5Ω (Note 1); IN=0V (for OFF condition) and IN=5V (for ON condition); TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LED Output
ISINK,tDOFF,tROFF
VLED = 7V
5.0
8.0
11.0
mA
ILEAKAGE
15
µA
Overall
Delay to Output
36
µs
ICC
Output Off
2.0
2.8
mA
IL = 1mA, 250mA (High Side)
2.3
3
mA
IL = 1mA, 250mA (Low Side)
2.5
4
mA
Note 1: All test conditions are for a high side configuration as in Fig. 2a, unless otherwise specified.
CDEL: A capacitor connected to this pin is used to pro-
gram both VCC pulse interruption time and power
turn-on delay. The capacitor discharge time corresponds
to VCC interruption and the charge time to VCC turn-on
delay. The ratio between turn-on delay and turn-off delay
will be fixed based on internal charge and discharge cur-
rents and voltage thresholds.
The same fault circuitry and capacitor is used for short
circuit and overload protection. If an overcurrent or short
circuit is detected, the capacitor starts charging and
turns off the output if the condition persists at the end of
its charge time. The output will then operate in a low-duty
cycle mode to protect the IC. After short circuit recovery,
the output will be reactivated in order to check if the short
circuit was removed. If the overcurrent persists the chip
will continue in this pulsing mode.
CSH: (For UC37132 and UC37133) This high side cur-
rent sense pin is used to program the current limit for
high side applications by connecting a resistor between
VCC and CSH. An over load current is detected when
the voltage drop between VCC and CSH exceeds
150mV. For the UC37132, in a high side application, the
CSH pin must be tied to the LS pin; in a low side applica-
tion, the CSH pin must be tied to VCC
CSL: (For UC37131 and UC37132) This low side cur-
rent sense pin is used to program the current limit for low
side applications by connecting a resistor between CSL
and GND. An over load current is detected when the volt-
age drop between CSL and GND exceeds 150mV. For
the UC37132, in a high side application, the CSL pin
must be tied to GND; in a low side application, the CSL
pin must be tied to the HS pin.
GND: The reference point for the internal reference, all
thresholds, and the return for the remainder of the de-
vice.
HS: (For UC37132 and UC37133) The output of the
switching transistor in the high side configuration. The
emitter of the output transistor is the HS pin which is con-
nected to the load. For the UC37132, the HS pin must be
tied to the CSL pin in a low side application.
HYST: (For UC37132) The pin used to program the in-
put comparator hysteresis by connecting a resistor to
ground. The hysteresis defaults to 30% with HYST
grounded (internally for UC37131 and UC37133).
V
R
HYST
HYST
=
+
3000
3330
()
IN: The input to the comparator that detects when the
output transistor should be turned on. The input thresh-
old is 3.0V (1/2 VREF) and the input voltage range is 0V
to VREF.
LED: Open collector output intended to drive an LED.
This pin is driven low whenever the output is turned off
and is externally pulled high when the output is turned on
(see Fig. 3b and 3c).
LS: (For UC37131 and UC37132) The output of the
switching transistor in the low side configuration. The col-
lector of the output transistor is the LS pin which is con-
nected to the load. For the UC37132, the LS pin must be
tied to the CSH pin in a high side application.
VREF: The 6V regulated reference capable of supplying
up to 8mA. The recommended decoupling capacitor is
1nF.
VCC: The supply voltage for the chip. Decouple this pin
with a good quality ceramic capacitor to ground.
PIN DESCRIPTIONS


同様の部品番号 - UC17132

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC17132 TI-UC17132 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC17132J TI1-UC17132J Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC17132L883B TI1-UC17132L883B Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
More results

同様の説明 - UC17132

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com