データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE1617ADS データシート(PDF) 6 Page - NXP Semiconductors

部品番号 NE1617ADS
部品情報  Temperature monitor for microprocessor systems
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

NE1617ADS データシート(HTML) 6 Page - NXP Semiconductors

Back Button NE1617ADS Datasheet HTML 2Page - NXP Semiconductors NE1617ADS Datasheet HTML 3Page - NXP Semiconductors NE1617ADS Datasheet HTML 4Page - NXP Semiconductors NE1617ADS Datasheet HTML 5Page - NXP Semiconductors NE1617ADS Datasheet HTML 6Page - NXP Semiconductors NE1617ADS Datasheet HTML 7Page - NXP Semiconductors NE1617ADS Datasheet HTML 8Page - NXP Semiconductors NE1617ADS Datasheet HTML 9Page - NXP Semiconductors NE1617ADS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
NE1617A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 July 2009
6 of 27
NXP Semiconductors
NE1617A
Temperature monitor for microprocessor systems
than 3300 pF) connected between D+ and D
− is recommended. Capacitance higher than
3300 pF will introduce measurement error due to the rise time of the switched current
source.
7.2 No calibration is required
As mentioned in Section 7.1, the NE1617A uses two well-controlled current sources of
10 : 1 ratio to measure the forward voltage of the diode (VBE). This technique eliminates
the diode saturation current (a heavily process and temperature dependent variable), and
results in the forward voltage being proportional to absolute temperature.
7.3 Address logic
The address pins of the NE1617A can be forced into one of three levels: LOW (GND),
HIGH (VDD), or ‘not connected’ (n.c.). Because the NE1617A samples and latches the
address pins at the starting of every conversion, it is suggested that those address pins
should be hard-wired to the logic applied, so that the logic is consistently existed at the
address pins. During the address sensing period, the device forces a current at each
address pin and compares the voltage developed across the external connection with the
predefined threshold voltage in order to define the logic level. If an external resistor is
used for the connection of the address, then its value should be less than 2 k
Ω to prevent
the error in logic detection from happening. Resistors of 1 k
Ω are recommended.
8.
Temperature monitor with SMBus serial interface
8.1 Serial bus interface
The device can be connected to a standard 2-wire serial interface System Management
Bus (SMBus) as a slave device under the control of a master device, using two device
terminals SCLK and SDATA. The operation of the device to the bus is described with
details in the following sections.
8.2 Slave address
The device address is defined by the logical connections applied to the device pins ADD0
and ADD1. A list of selectable addresses are shown in Table 3. The device address can
be set to any one of those nine combinations and more than one device can reside on the
same bus without address conflict. Note that the state of the device address pins is
sampled and latched not only at power-up step, but also at starting point of every
conversion.
Table 3.
Device slave address
n.c. = not connected
ADD0[1]
ADD1[1]
Address byte
GND
GND
0011 000
GND
n.c.
0011 001
GND
VDD
0011 010
n.c.
GND
0101 001
n.c.
n.c.
0101 010
n.c.
VDD
0101 011


同様の部品番号 - NE1617ADS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
More results

同様の説明 - NE1617ADS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1618 PHILIPS-NE1618 Datasheet
137Kb / 16P
   Temperature monitor for microprocessor systems
2002 Jan 04
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com