データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4853A データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 2SC4853A
部品情報  Low-Voltage, Low-Current High-Frequency Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4853A データシート(HTML) 3 Page - Sanyo Semicon Device

  2SC4853A Datasheet HTML 1Page - Sanyo Semicon Device 2SC4853A Datasheet HTML 2Page - Sanyo Semicon Device 2SC4853A Datasheet HTML 3Page - Sanyo Semicon Device 2SC4853A Datasheet HTML 4Page - Sanyo Semicon Device 2SC4853A Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4853A
No. A1076-3/5
S21e
2, NF -- VCE
Collector-to-Emitter Voltage, VCE -- V
6
5
2
4
1
0
7
3
0
6
4
2
8
10
12
14
f=1GHz
ITR07586
IC=3mA
1mA
IC=1mA
3mA
NF
⏐S21e⏐
2
S21e
2 -- IC
Collector Current, IC -- mA
ITR07584
0
14
12
10
8
6
4
2
7
1.0
23
23
5
57
f=1GHz
V CE
=2V
1V
Collector Current, IC -- mA
NF -- IC
35
5
2
3
2
1.0
7
72
10
0
2
4
6
8
10
f=1GHz
ITR07585
2V
PC -- Ta
Ambient Temperature, Ta --
°C
100
0
60
80
90
40
20
50
70
30
10
20
060
40
80
100
140
120
160
IT14234


同様の部品番号 - 2SC4853A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SC4853A ONSEMI-2SC4853A Datasheet
355Kb / 8P
   RF Transistor Low-voltage, low-current operation
August, 2013
2SC4853A-4-TL-E ONSEMI-2SC4853A-4-TL-E Datasheet
355Kb / 8P
   RF Transistor Low-voltage, low-current operation
August, 2013
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
More results

同様の説明 - 2SC4853A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SC5537 SANYO-2SC5537 Datasheet
32Kb / 3P
   Low-Voltage, Low-Current High-frequency Amplifier Applications
2SC4855 SANYO-2SC4855 Datasheet
110Kb / 4P
   Low-Voltage, Low-Current & High-Frequency Amp Applications?
2SC4854 SANYO-2SC4854 Datasheet
109Kb / 4P
   Low-Voltage, Low-Current High-Frequency Amp Applications?
2SC4853 SANYO-2SC4853 Datasheet
111Kb / 4P
   Low-Voltage, Low-Current High-Frequency Amp Applications
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
   Low-Voltage, Low-Current High-Frequency Amplifi er Applications
2SD1618 SANYO-2SD1618 Datasheet
181Kb / 3P
   Low-Voltage High-Current Amplifier, Muting Applications
logo
Toshiba Semiconductor
2SC1815L TOSHIBA-2SC1815L Datasheet
142Kb / 4P
   Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
logo
Sanyo Semicon Device
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com