データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK415-100-E データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 STK415-100-E
部品情報  2-Channel Power Switching Audio Power IC, 60W60W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-100-E データシート(HTML) 1 Page - Sanyo Semicon Device

  STK415-100-E Datasheet HTML 1Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 2Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
70809HKIM/51309HKIM No. A1469-1/12
STK415-100-E
Overview
The STK415-100-E is a class H audio power amplifier hybrid IC that features a built-in power supply switching circuit.
This IC provides high efficiency audio power amplification by controlling (switching) the supply voltage supplied to the
power devices according to the detected level of the input audio signal.
Applications
• Audio power amplifiers.
Features
• Pin-to-pin compatible outputs ranging from 80W to 180W.
• Can be used to replace the STK416-100 series (3-channel models) and the class-AB series (2, 3-channel models) due to
its pin compatibility.
• Pure complementary construction by new Darlington power transistors
• Output load impedance: RL = 8Ω to 4Ω supported
• Using insulated metal substrate that features superlative heat dissipation characteristics that are among the highest in the
industry.
Series Models
STK415-090-E
STK415-100-E
STK415-120-E
STK415-130-E
STK415-140-E
Output 1 (10%/1kHz)
80W
×2 channels
90W
×2 channels
120W
×2 channels
150W
×2 channels
180W
×2 channels
Output 2 (0.8%/20Hz to 20kHz)
50W
×2 channels
60W
×2 channels
80W
×2 channels
100W
×2 channels
120W
×2 channels
Max. rated VH (quiescent)
±60V
±65V
±73V
±80V
±80V
Max. rated VL (quiescent)
±41V
±42V
±45V
±46V
±51V
Recommended operating VH (8Ω)
±37V
±39V
±46V
±51V
±52V
Recommended operating VL (8Ω)
±27V
±29V
±32V
±34V
±32V
Dimensions (excluding pin height)
64.0mm
×31.1mm×9.0mm
Ordering number : EN*A1469A
Thick-Film Hybrid IC
2-Channel Power Switching
Audio Power IC, 60W+60W
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


同様の部品番号 - STK415-100-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
More results

同様の説明 - STK415-100-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
logo
Astrodyne Corporation
SPU60 ASTRODYNE-SPU60 Datasheet
275Kb / 3P
   60W Desktop Switching Power Supplies
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_12 Datasheet
185Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
logo
Delta Electronics, Inc.
DPS-60AP-5A DELTA-DPS-60AP-5A Datasheet
1Mb / 3P
   Total power 60W
logo
Mean Well Enterprises C...
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com