データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24021IRT065Z データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL24021IRT065Z
部品情報  1A Rail-to-Rail Input-Output Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24021IRT065Z データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL24021IRT065Z Datasheet HTML 4Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 5Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 6Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 7Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 8Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 9Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 10Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 11Page - Intersil Corporation ISL24021IRT065Z Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6637.0
June 3, 2009
.
.
Typical Application Circuit
A typical application of the ISL24021 is as a TFT-LCD VCOM
driver (see Figure 27). A VCOM driver maintains the
backplane common voltage of a TFT-LCD panel. Maintaining
the VCOM voltage at a steady level is critical to panel
performance. The ability of the ISL24021 to source/sink
large peak short circuit currents make it ideal as a VCOM
driver. The ±1A short circuit current capability combined with
a large bandwidth and fast settling time give the ISL24021
ideal VCOM driver characteristics, and make it a great choice
for TFT-LCD applications.
Power Dissipation
With a 300mA maximum continuous output drive capability, it
is possible to exceed the rated +150°C maximum junction
temperature. It is important to calculate the maximum power
dissipation of the ISL24021 for the application. Proper load
conditions will ensure that the ISL24021 junction temperature
stays within a safe operating region.
The ISL24021 has a built-in thermal protection, which
automatically shuts the output OFF (high impedance) when
the die temperature reaches +165°C. This ensures safe
operation and prevents internal damage to the device. When
the die cools by +15°C the output will automatically turn ON.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θ
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The actual maximum power dissipation of the IC is the total
quiescent supply current, times the total power supply
voltage, plus the power dissipation in the IC caused by the
loading condition.
Sourcing:
Sinking:
•VS = Total supply voltage range (VDD - VSS)
•IS = Device supply current
•VDD = Positive supply voltage
•VSS = Negative supply voltage
•VOUT = Output voltage
•ILOAD = Load current
Device overheating can be avoided by calculating the
minimum resistive load condition, RLOAD, resulting in the
highest power dissipation. To find RLOAD, set the two
PDMAX equations equal to each other and solve for
VOUT/ILOAD. Reference the package power dissipation
curve, Figure 28, for further information.
ISL24021
INP
OUT
CSNUBBER
RSNUBBER
VDD
4.7µF
0.1µF
0.1µF
4.7µF
VSS
THERMAL PAD
CONNECTED TO VSS
INN
ZL
FIGURE 25. OUTPUT SNUBBER CIRCUIT
ISL24021
INP
OUT
RSERIES
VDD
4.7µF
0.1µF
0.1µF
4.7µF
VSS
THERMAL PAD
CONNECTED TO VSS
INN
ZL
FIGURE 26. OUTPUT SERIES RESISTOR CIRCUIT
INP
OUT
VDD = 15V
4.7µF
0.1µF
VSS
NOTE: CSTORAGE WILL VARY
DEPENDING ON THE
APPLICATION
INN
PANEL
ISL24021
TFT-LCD
CAPACITANCE
VCOM
CALIBRATOR/
RESISTOR
LADDER
THERMAL PAD CONNECTED
TO VSS
-
+
CSTORAGE
+
0.1µF
FIGURE 27. TYPICAL APPLICATION CIRCUIT: TFT-LCD VCOM
P
DMAX
T
JMAX
T
AMAX
Θ
JA
---------------------------------------------
=
(EQ. 1)
P
DMAX
V
S
I
S
V
DD
V
OUT )
I
LOAD
×
[]
+
×
=
(EQ. 2)
P
DMAX
V
S
I
S
V
OUT
V
SS )
I
LOAD
×
[]
+
×
=
(EQ. 3)
ISL24021


同様の部品番号 - ISL24021IRT065Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24021IRT065Z-T13 INTERSIL-ISL24021IRT065Z-T13 Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021IRT065Z-T13 RENESAS-ISL24021IRT065Z-T13 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021IRT065Z-T7A RENESAS-ISL24021IRT065Z-T7A Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results

同様の説明 - ISL24021IRT065Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com