データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28227FBZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL28227FBZ
部品情報  Precision Single and Dual Low Noise Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FBZ データシート(HTML) 5 Page - Intersil Corporation

  ISL28227FBZ Datasheet HTML 1Page - Intersil Corporation ISL28227FBZ Datasheet HTML 2Page - Intersil Corporation ISL28227FBZ Datasheet HTML 3Page - Intersil Corporation ISL28227FBZ Datasheet HTML 4Page - Intersil Corporation ISL28227FBZ Datasheet HTML 5Page - Intersil Corporation ISL28227FBZ Datasheet HTML 6Page - Intersil Corporation ISL28227FBZ Datasheet HTML 7Page - Intersil Corporation ISL28227FBZ Datasheet HTML 8Page - Intersil Corporation ISL28227FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6633.0
May 29, 2009
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 1. INPUT NOISE VOLTAGE 0.1Hz to 10Hz
FIGURE 2. PSRR vs FREQUENCY, VS = ±5V, ±15V
FIGURE 3. CMRR vs FREQUENCY, VS = ±2.25, ±5V, ±15V
FIGURE 4. VOS vs TEMPERATURE vs VSUPPLY
FIGURE 5. IIB vs TEMPERATURE, VS = ±15V
FIGURE 6. IIB vs TEMPERATURE, VS = ±5V
TIME (s)
-60
-40
-20
0
20
60
80
100
01234567
89
10
40
-80
-100
V+ = 38V
RL = 10k
Rg = 10, Rf = 100k
AV = 10,000
CL = 3.5pF
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
20
40
60
80
100
120
-10
10
30
50
70
90
110
130
RL = INF
AV = +1
VS = 1VP-P
CL = 5.25pF
PSRR+ and PSRR- VS = ±15V
PSRR+ and PSRR- VS = ±5V
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
20
40
60
80
100
120
-10
10
30
50
70
90
110
130
RL = INF
AV = +1
VCM = 1VP-P
CL = 5.25pF
VS = ±15V
VS = ±2.25V
VS = ±5V
TEMPERATURE (°C)
-20
-15
-10
-5
0
5
10
15
20
25
-40
-20
0
20
40
60
80
100
120
140
160
MEDIAN
36 UNITS
VS = ±21V
VS = ±15V
VS = ±3V
VS = ±5V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
IBIAS+
IBIAS-
MEDIAN
50 UNITS
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
IBIAS+
IBIAS-
MEDIAN
50 UNITS
ISL28127, ISL28227


同様の部品番号 - ISL28227FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FBZ INTERSIL-ISL28227FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28227FBZ RENESAS-ISL28227FBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

同様の説明 - ISL28227FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com