データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1874DW-2 データシート(PDF) 8 Page - Texas Instruments

部品番号 UC1874DW-2
部品情報  High Efficiency, Synchronous, Step-down Buck Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1874DW-2 データシート(HTML) 8 Page - Texas Instruments

Back Button UC1874DW-2 Datasheet HTML 2Page - Texas Instruments UC1874DW-2 Datasheet HTML 3Page - Texas Instruments UC1874DW-2 Datasheet HTML 4Page - Texas Instruments UC1874DW-2 Datasheet HTML 5Page - Texas Instruments UC1874DW-2 Datasheet HTML 6Page - Texas Instruments UC1874DW-2 Datasheet HTML 7Page - Texas Instruments UC1874DW-2 Datasheet HTML 8Page - Texas Instruments UC1874DW-2 Datasheet HTML 9Page - Texas Instruments UC1874DW-2 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
UC1874-1,-2
UC2874-1,-2
UC3874-1,-2
amplifier. An ultra low power sleep mode is also invoked
from the SS pin. A voltage level below 0.5V on this pin
reduces total standby current to less than 50mA. Short
circuit protection is inherent to the average current mode
technique with proper compensation of the current
amplifier. To prevent operation of the MOSFETs with an
inadequete drive signal, an undervoltage lockout circuit
suppresses the output drivers until the input supply
voltage is sufficiently high enough for proper operation.
The UC3874-1 is intended for applications with logic
level MOSFETs and its VCC turn-on and turn-off
thresholds are 4.5V/4.4V respectively. The UC3874-2 is
intended for applications with standard MOSFETs and
has UVLO turn-on and turn-off thresholds of 10V and 9V
respectively. The precision 2.5V reference can provide
20mA to power external circuitry. The reference output is
disabled during UVLO and sleep modes.
UC
874
ORDERING INFORMATION
UVLO Turn
On/Off
Threshold
Package
Temperature
Range
1: 4.5V/4.4V
J: Ceramic DIL-18
1: –55°C to +125°C
2: 10V/9V
N: Plastic DIL-18
2: –40°C to +85°C
DW: SOIC-18
3: 0°C to +70°C
4
5
6
7
8
9
10
11
-75
-25
25
75
125
TEMPERATURE °C
TYPICAL PERFORMANCE INFORMATION
Figure 1. Supply Current
1.95
1.96
1.97
1.98
1.99
2
2.01
2.02
2.03
2.04
2.05
-50
-25
0
255075
100
TEMPERATURE °C
Figure 2. VAMP Input Voltage
80
90
100
110
120
130
140
-75
-25
25
75
125
TEMPERATURE °C
Figure 4. Oscillator Frequency vs. Temperature
(CT = 680pF)
560
600
640
680
720
760
-50
-25
0
25
50
75
100
TEMPERATURE °C
Figure 3. Volt Amp GM (IOUT =10 A)


同様の部品番号 - UC1874DW-2

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1874 TI-UC1874 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-1 TI-UC1874-1 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-2 TI-UC1874-2 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-2 TI-UC1874-2 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
More results

同様の説明 - UC1874DW-2

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com