データシートサーチシステム |
|
IRF1404SPBF データシート(PDF) 2 Page - International Rectifier |
|
IRF1404SPBF データシート(HTML) 2 Page - International Rectifier |
2 / 11 page IRF1404S/LPbF 2 www.irf.com Electrical Characteristics @ TJ = 25°C (unless otherwise specified) Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11) ISD ≤ 95A, di/dt ≤ 150A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C Notes: Starting TJ = 25°C, L = 0.12mH RG = 25Ω, IAS = 95A. (See Figure 12) Pulse width ≤ 300µs; duty cycle ≤ 2%. S D G Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.3 V TJ = 25°C, IS = 95A, VGS = 0V trr Reverse Recovery Time ––– 71 110 ns TJ = 25°C, IF = 95A Qrr Reverse RecoveryCharge ––– 180 270 nC di/dt = 100A/µs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Source-Drain Ratings and Characteristics 162 650 A
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 40 ––– ––– V VGS = 0V, ID = 250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.036 ––– V/°C Reference to 25°C, ID = 1mA RDS(on) Static Drain-to-Source On-Resistance ––– 0.00350.004 Ω VGS = 10V, ID = 95A VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V VDS = 10V, ID = 250µA gfs Forward Transconductance 106 ––– ––– S VDS = 25V, ID = 60A ––– ––– 20 µA VDS = 40V, VGS = 0V ––– ––– 250 VDS = 32V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 200 VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -200 nA VGS = -20V Qg Total Gate Charge ––– 160 200 ID = 95A Qgs Gate-to-Source Charge ––– 35 ––– nC VDS = 32V Qgd Gate-to-Drain ("Miller") Charge ––– 42 60 VGS = 10V td(on) Turn-On Delay Time ––– 17 ––– VDD = 20V tr Rise Time ––– 140 ––– ID = 95A td(off) Turn-Off Delay Time ––– 72 ––– RG = 2.5Ω tf Fall Time ––– 26 ––– RD = 0.21Ω Between lead, and center of die contact Ciss Input Capacitance ––– 7360 ––– VGS = 0V Coss Output Capacitance ––– 1680 ––– VDS = 25V Crss Reverse Transfer Capacitance ––– 240 ––– pF ƒ = 1.0MHz, See Fig. 5 Coss Output Capacitance ––– 6630 ––– VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz Coss Output Capacitance ––– 1490 ––– VGS = 0V, VDS = 32V, ƒ = 1.0MHz Coss eff. Effective Output Capacitance
––– 1540 ––– VGS = 0V, VDS = 0V to 32V IGSS ns IDSS Drain-to-Source Leakage Current nH 7.5 LS Internal Source Inductance ––– ––– Use IRF1404 data and test conditions. * When mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. |
同様の部品番号 - IRF1404SPBF |
|
同様の説明 - IRF1404SPBF |