データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24020 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL24020
部品情報  Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24020 データシート(HTML) 3 Page - Intersil Corporation

  ISL24020 Datasheet HTML 1Page - Intersil Corporation ISL24020 Datasheet HTML 2Page - Intersil Corporation ISL24020 Datasheet HTML 3Page - Intersil Corporation ISL24020 Datasheet HTML 4Page - Intersil Corporation ISL24020 Datasheet HTML 5Page - Intersil Corporation ISL24020 Datasheet HTML 6Page - Intersil Corporation ISL24020 Datasheet HTML 7Page - Intersil Corporation ISL24020 Datasheet HTML 8Page - Intersil Corporation ISL24020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN6735.0
October 2, 2008
Typical Performance Curves
FIGURE 1. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. INPUT OFFSET VOLTAGE DRIFT
FIGURE 3. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5. OUTPUT HIGH VOLTAGE vs TEMPERATURE
FIGURE 6. OUTPUT LOW VOLTAGE vs TEMPERATURE
200
INPUT OFFSET VOLTAGE (mV)
0
500
400
100
300
TYPICAL
PRODUCTION
DISTRIBUTION
VS = ±5V
TA = +25°C
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
5
0
25
15
20
10
VS = ±5V
TYPICAL
PRODUCTION
DISTRIBUTION
0.0
0.5
TEMPERATURE (°C)
-0.5
1.0
-10
-50
30
70
110
150
1.5
2.0
0.000
TEMPERATURE (°C)
-0.008
0.008
-0.004
-0.012
0.004
-50
-10
30
70
110
150
VS = ±5V
4.88
4.90
4.86
4.96
4.92
4.94
VS = ±5V
IOUT = 5mA
TEMPERATURE (°C)
-10
-50
30
70
110
150
-4.91
-4.87
-4.95
-4.85
-4.89
-4.93
VS = ±5V
IOUT = 5mA
TEMPERATURE (°C)
-10
-50
30
70
110
150
ISL24020


同様の部品番号 - ISL24020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24020 INTERSIL-ISL24020 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
Renesas Technology Corp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
logo
Renesas Technology Corp
ISL24020IHTZ-T7 RENESAS-ISL24020IHTZ-T7 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
More results

同様の説明 - ISL24020

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
ISL24020 RENESAS-ISL24020 Datasheet
584Kb / 10P
   Low Cost, 60MHz Rail-to-RailInput-Output Op-Amp
October 2, 2008
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com