データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3741AUR データシート(PDF) 3 Page - Sony Corporation

部品番号 CXA3741AUR
部品情報  High-speed Buffer Amplifier for CCD Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3741AUR データシート(HTML) 3 Page - Sony Corporation

  CXA3741AUR Datasheet HTML 1Page - Sony Corporation CXA3741AUR Datasheet HTML 2Page - Sony Corporation CXA3741AUR Datasheet HTML 3Page - Sony Corporation CXA3741AUR Datasheet HTML 4Page - Sony Corporation CXA3741AUR Datasheet HTML 5Page - Sony Corporation CXA3741AUR Datasheet HTML 6Page - Sony Corporation CXA3741AUR Datasheet HTML 7Page - Sony Corporation CXA3741AUR Datasheet HTML 8Page - Sony Corporation CXA3741AUR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CXA3741AUR
- 3 -
Pin Description and I/O Pin Equivalent Circuit
Pin
No.
Symbol
I/O
Standard
voltage
level
Equivalent circuit
Description
4GND
0V
GND
5VCC
15V
Power supply
9GND
0V
GND
11
GND
0V
GND
15
GND
0V
GND
1
SFCNT
I
CMOS
Switches the sink current
setting for CCD with open
source output.
When the SFCNT pin
(Pin 16) input logic is low,
the sink current is set
according to the current
set by the ISF0 pin (Pin 6).
When high, the sink
current is set according to
the current set by the ISF1
pin (Pin 7).
16
DRVCNT
I
CMOS
Switches the drive current
setting.
When the DRVCNT pin
(Pin 16) input logic is low,
the drive current is set
according to the current set
by the IDRV0 pin (Pin 2).
When high, the drive
current is set according to
the current set by the
IDRV1 pin (Pin 3).
2
IDRV0
I
External resistor
connection for setting the
drive current.
Connect external resistors
between these pins and
VCC (Pin 5).
When not using this
function, connect these
pins to GND.
*The minimum value for
external resistors should
be 100k
Ω (when VCC is
15V).
3
IDRV1
I
1
16
2k
2k
10µA
10µA
VCC
GND
60k
60k
2
3
30k
30k
20k
VCC
GND
20k


同様の部品番号 - CXA3741AUR

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3785R SONY-CXA3785R Datasheet
452Kb / 47P
   Audio Driver for TV
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

同様の説明 - CXA3741AUR

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com