データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BDW42 データシート(PDF) 5 Page - Motorola, Inc

部品番号 BDW42
部品情報  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDW42 データシート(HTML) 5 Page - Motorola, Inc

  BDW42 Datasheet HTML 1Page - Motorola, Inc BDW42 Datasheet HTML 2Page - Motorola, Inc BDW42 Datasheet HTML 3Page - Motorola, Inc BDW42 Datasheet HTML 4Page - Motorola, Inc BDW42 Datasheet HTML 5Page - Motorola, Inc BDW42 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BDW42 BDW46 BDW47
3–216
Motorola Bipolar Power Transistor Device Data
+ 5.0
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
7.0
10
– 55
°C to 25°C
+ 4.0
+ 3.0
+ 1.0
0
– 4.0
– 1.0
– 2.0
– 3.0
– 5.0
θVB for VBE
*
θVC for VCE(sat)
– 55
°C to 25°C
25
°C to 150°C
25
°C to 150°C
*IC/IB v 250
0.5 0.7
+ 5.0
IC, COLLECTOR CURRENT (AMP)
0.1
0.2 0.3
1.0
2.0 3.0
5.0
10
– 55
°C to +25°C
+ 4.0
+ 3.0
+ 1.0
0
– 4.0
– 1.0
– 2.0
– 3.0
– 5.0
θVB for VBE
*
θVC for VCE(sat)
– 55
°C to +25°C
+ 25
°C to 150°C
+ 25
°C to 150°C
*IC/IB v 250
0.5
+ 2.0
+ 2.0
105
Figure 13. Collector Cut–Off Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
100
10– 1
– 0.2 – 0.4
0
+ 0.2
+ 0.4
+ 0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
– 0.6 – 0.8 – 1.0 – 1.2 – 1.4
105
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
100
10– 1
+ 0.2 + 0.4
0
– 0.2
– 0.4
– 0.6
VCE = 30 V
REVERSE
FORWARD
103
104
+ 0.6 + 0.8
+ 1.0 + 1.2 + 1.4
TJ = 150°C
100
°C
25
°C
Figure 14. Darlington Schematic
NPN
BDW42
PNP
BDW46
BDW47
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60


同様の部品番号 - BDW42

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BDW42 ONSEMI-BDW42 Datasheet
176Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
June, 2004 ??Rev. 11
BDW42 ONSEMI-BDW42 Datasheet
75Kb / 8P
   Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW42 MOTOROLA-BDW42 Datasheet
414Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW42 ONSEMI-BDW42 Datasheet
95Kb / 7P
   Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Savantic, Inc.
BDW42 SAVANTIC-BDW42 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - BDW42

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com