データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK11C68-5 データシート(PDF) 10 Page - Cypress Semiconductor

部品番号 STK11C68-5
部品情報  64 Kbit (8K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-5 データシート(HTML) 10 Page - Cypress Semiconductor

Back Button STK11C68-5 Datasheet HTML 6Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 7Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 8Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 9Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 10Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 11Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 12Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 13Page - Cypress Semiconductor STK11C68-5 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK11C68-5 (SMD5962-92324)
Document Number: 001-51001 Rev. *A
Page 10 of 15
Software Controlled STORE/RECALL Cycle
The software controlled STORE/RECALL cycle follows. [10, 11]
Parameter
Alt
Description
35 ns
45 ns
55 ns
Unit
Min
Max
Min
Max
Min
Max
tRC
tAVAV
STORE/RECALL Initiation Cycle Time
35
45
55
ns
tSA
[10]
tAVEL
Address Setup Time
0
0
0
ns
tCW
[10]
tELEH
Clock Pulse Width
25
30
35
ns
tHACE
[10]
tELAX
Address Hold Time
20
20
20
ns
tRECALL
[10]
RECALL Duration
20
20
20
μs
Switching Waveform
Figure 11. CE Controlled Software STORE/RECALL Cycle [10]
Notes
10. The software sequence is clocked on the falling edge of CE without involving OE (double clocking aborts the sequence).
11. The six consecutive addresses must be read in the order listed in Table 1 on page 4. WE must be HIGH during all six consecutive cycles.
tRC
tRC
tSA
tSCE
tHACE
tSTORE / tRECALL
DATA VALID
DATA VALID
6
#
S
S
E
R
D
D
A
1
#
S
S
E
R
D
D
A
HIGH IMPEDANCE
ADDRESS
CE
OE
DQ (DATA)
[+] Feedback


同様の部品番号 - STK11C68-5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK11C68-5C35M ETC-STK11C68-5C35M Datasheet
59Kb / 10P
   CMOS NV SRAM
STK11C68-5C45M ETC-STK11C68-5C45M Datasheet
59Kb / 10P
   CMOS NV SRAM
STK11C68-5C55M ETC-STK11C68-5C55M Datasheet
59Kb / 10P
   CMOS NV SRAM
STK11C68-5K35M ETC-STK11C68-5K35M Datasheet
59Kb / 10P
   CMOS NV SRAM
STK11C68-5K45M ETC-STK11C68-5K45M Datasheet
59Kb / 10P
   CMOS NV SRAM
More results

同様の説明 - STK11C68-5

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com