データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK11C68-SF25I データシート(PDF) 5 Page - Cypress Semiconductor

部品番号 STK11C68-SF25I
部品情報  64 Kbit (8K x 8) SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-SF25I データシート(HTML) 5 Page - Cypress Semiconductor

  STK11C68-SF25I Datasheet HTML 1Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 2Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 3Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 4Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 5Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 6Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 7Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 8Page - Cypress Semiconductor STK11C68-SF25I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STK11C68
Document Number: 001-50638 Rev. **
Page 5 of 16
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Temperature under bias.............................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND ..........–0.5V to 7.0V
Voltage on Input Relative to Vss............ –0.6V to VCC + 0.5V
Voltage on DQ0-7 ...................................–0.5V to Vcc + 0.5V
Power Dissipation ......................................................... 1.0W
DC Output Current (1 output at a time, 1s duration).... 15 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
4.5V to 5.5V
Industrial
-40
°C to +85°C
4.5V to 5.5V
DC Electrical Characteristics
Over the operating range (VCC = 4.5V to 5.5V)
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current
tRC = 25 ns
tRC = 35 ns
tRC = 45 ns
Dependent on output loading and cycle rate.
Values obtained without output loads.
IOUT = 0 mA.
Commercial
90
75
65
mA
mA
mA
Industrial
90
75
65
mA
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
3mA
ICC3
Average VCC Current at
tRC= 200 ns, 5V, 25°C
Typical
WE > (VCC – 0.2V). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained
without output loads.
10
mA
ISB1
[2]
VCC Standby Current
(Standby, Cycling TTL
Input Levels)
tRC = 25 ns, CE > VIH
tRC = 35 ns, CE > VIH
tRC = 45 ns, CE > VIH
Commercial
27
23
20
mA
mA
mA
Industrial
28
24
21
mA
mA
mA
ISB2
[2]
VCC Standby Current
CE > (VCC – 0.2V). All others VIN < 0.2V or >
(VCC – 0.2V). Standby current level after
nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
Commercial
750
μA
Industrial
1500
μA
IIX
Input Leakage Current VCC = Max, VSS < VIN < VCC
-1
+1
μA
IOZ
Off State Output
Leakage Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
-5
+5
μA
VIH
Input HIGH Voltage
2.2
VCC +
0.5
V
VIL
Input LOW Voltage
VSS – 0.5
0.8
V
VOH
Output HIGH Voltage
IOUT = –4 mA
2.4
V
VOL
Output LOW Voltage
IOUT = 8 mA
0.4
V
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data Retention
100
Years
NVC
Nonvolatile STORE Operations
1,000
K
Note
2. CE > VIH does not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback


同様の部品番号 - STK11C68-SF25I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK11C68-SF25I SIMTEK-STK11C68-SF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-SF25ITR SIMTEK-STK11C68-SF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

同様の説明 - STK11C68-SF25I

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com