データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5W4HCA データシート(PDF) 1 Page - Roithner LaserTechnik GmbH

部品番号 5W4HCA
部品情報  WHITE LED SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

5W4HCA データシート(HTML) 1 Page - Roithner LaserTechnik GmbH

  5W4HCA Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5W4HCA WHITE LED SERIES
Features
High intensity white LED lamp
5 mm round shape
UV resistant epoxy
Applications
Indicators
Illumination
Absolute Maximum Ratings
Ta = 25°C
* Duty ratio max 1/10 Pulse Width max. 0.1 ms
**At the position of 4 mm from the bottom of the package within 5 seconds
Electrical Optical Characteristics
Ta = 25°C @ If = 20 mA
Forward
Voltage (v)
Luminous
Intensity (mcd)
Part No.
Material
Lens
Emitting
Color
Typ
Max
Min
Max
Chromaticity
Coordinate
(x/y)
Viewing
Angle
(2
θ1/2)
5W4HCA-P
InGaN
Water Clear
White
3.2
3.8
4.000
5.000
0.33/0.31
20
5W4HCA-H
InGaN
Water Clear
White
3.2
3.8
7.500
8.900
0.33/0.31
20
5W4HCA-U
InGaN
Water Clear
White
3.2
3.8
12.600
14.800
0.33/0.31
20
Caution in ESD
Static Electricity and surge damages the LEDs. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All
devices Equipment and machinery must be properly grounded.
When inspecting own final products on which LEDs were mounted, It is easy to find static-damaged LEDs by light emission test at lower current
(below 1 mA is recommended) .
Damaged LEDs will show some unusual characteristics such as leak current remarkably increases, starting forward voltage becomes lower, or
the LEDs get unlighted at the low current.
ROITHNER LASERTECHNIK, Schoenbrunner Strasse 7, Vienna, Austria
Tel.: +43-1-586 52 43 – 0, Fax.: +43-1-586 52 43 44, office@roithner-laser.com, www.roithner-laser.com
Parameter
Symbol
Max
Unit
Power Dissipation
PD
100
mW
Peak Forward Current*
IFP
80
mA
Continuous Forward Current
IF
20
mA
Derating Linear From 50°C
0.4
mA/°C
Reverse Voltage
VR
5V
Operating Temperature Range
Topr
-25°C to +80°C
Storage Temperature Range
Tstg
-40°C to +100°C
Lead Soldering Temperature
**
Tsol
260
°C
CATHODE
units in mm [inches]
tolerance ±0.25 mm [0.01]


同様の部品番号 - 5W4HCA

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
5W4HCA-H20 ROITHNER-5W4HCA-H20 Datasheet
36Kb / 1P
   Super Bright White LED
logo
List of Unclassifed Man...
5W4HCA-H30 ETC2-5W4HCA-H30 Datasheet
31Kb / 1P
   Super Bright White LED
logo
Roithner LaserTechnik G...
5W4HCA-H30 ROITHNER-5W4HCA-H30 Datasheet
36Kb / 1P
   Super Bright White LED
More results

同様の説明 - 5W4HCA

メーカー部品番号データシート部品情報
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com