データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC338 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 BC338
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC338 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC338 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
BC337,-16,-25,-40
TRANSISTOR (NPN)
BC338, -16,-25,-40
FEATURES
Power dissipation
PCM:
0.625
W (Tamb=25
℃)
Collector current
ICM:
0.8
A
Collector-base voltage
VCBO:
BC337
50
V
BC338
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BC337
BC338
VCBO
Ic= 100µA, IE=0
50
30
V
V
Collector-emitter breakdown voltage
BC337
BC338
VCEO
IC= 10 mA , IB=0
45
25
V
V
Emitter-base breakdown voltage
VEBO
IE= 10µA, IC=0
5
V
Collector cut-off current
BC337
BC338
ICBO
VCB= 45 V, IE=0
VCB= 25V, IE=0
0.1
0.1
µA
µA
Collector cut-off current
BC337
BC338
ICEO
VCE= 40 V, IB=0
VCE= 20 V, IB=0
0.2
0.2
µA
µA
Emitter cut-off current
IEBO
VEB= 4 V, IC=0
0.1
µA
hFE(1)
VCE=1V, IC= 100mA
100
100
160
250
630
250
400
630
DC current gain
BC337/BC338
BC337-16/BC338-16
BC337-25/BC338-25
BC337-40/BC338-40
HFE(2)
VCE=1V, IC= 300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=500 mA, IB= 50 mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500 mA, IB=50 mA
1.2
V
Transition frequency
f T
VCE= 5V, IC= 10mA
f = 100MHz
210
MHz
1 2 3
TO-92
1. COLLECTOR
2. BASE
3. EMITTER


同様の部品番号 - BC338

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Diotec Semiconductor
BC338 DIOTEC-BC338 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Dc Components
BC338 DCCOM-BC338 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

同様の説明 - BC338

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com