データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC384A480T033PP データシート(PDF) 4 Page - Vicor Corporation

部品番号 BC384A480T033PP
部品情報  BCM Bus Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC384A480T033PP データシート(HTML) 4 Page - Vicor Corporation

  BC384A480T033PP Datasheet HTML 1Page - Vicor Corporation BC384A480T033PP Datasheet HTML 2Page - Vicor Corporation BC384A480T033PP Datasheet HTML 3Page - Vicor Corporation BC384A480T033PP Datasheet HTML 4Page - Vicor Corporation BC384A480T033PP Datasheet HTML 5Page - Vicor Corporation BC384A480T033PP Datasheet HTML 6Page - Vicor Corporation BC384A480T033PP Datasheet HTML 7Page - Vicor Corporation BC384A480T033PP Datasheet HTML 8Page - Vicor Corporation BC384A480T033PP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PRELIMINARY DATASHEET
Bus Converter Module
BC384A480T033FP
vicorpower.com
Rev. 1.0
Page 4 of 16
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature range
of -40°C < TC < 100°C (T-Grade); All other specifications are at TC = 25ºC unless otherwise noted
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
TM
TM accuracy
ACTM
-5
+5
ºC
TM Gain
ATM
10
mV/°C
TM Source Current
ITM
100
uA
TM Internal Resistance
RTM_SNK
25
40
50
k
Ω
External TM Capacitance
CTM
50
pF
TM Voltage Ripple
VTM_PP
CTM = 0 µF, VIN = 400 V, POUT = 325 W
200
400
500
mV
PROTECTION
Negative going OVLO
VIN_OVLO-
400
420
430
V
Positive going OVLO
VIN_OVLO+
420
430
440
V
Negative going UVLO
VIN_UVLO-
270
285
304
V
Positive going UVLO
VIN_UVLO+
290
310
330
V
Output Overcurrent Trip
IOCP
VIN = 384 V, 25°C
9
11
14
A
Short Circuit Protection
ISCP
14
A
Trip Current
Short Circuit Protection
TSCP
1.2
us
Response Time
Thermal Shutdown
TJ_OTP
125
130
135
°C
Junction setpoint
GENERAL SPECIFICATION
Isolation Voltage (hipot)
VHIPOT
4242
V
Working Voltage (In – Out)
VWORKING
500
V
Isolation Capacitance
CIN_OUT
Unpowered unit
500
660
800
pF
Isolation Resistance
RIN_OUT
10
M
Ω
MTBF
MIL HDBK 217F, 25° C, GB
4.2
Mhrs
Agency Approvals / Standards
cTUVus
CE Mark
Electrical Characteristics (Continued)
SPECIFICATIONS (CONT.)


同様の部品番号 - BC384A480T033PP

メーカー部品番号データシート部品情報
logo
Vicor Corporation
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
BC384A120T030TP VICOR-BC384A120T030TP Datasheet
780Kb / 11P
   BCM??Bus Converter
More results

同様の説明 - BC384A480T033PP

メーカー部品番号データシート部品情報
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com