データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-FIAM7MG3 データシート(PDF) 4 Page - Vicor Corporation

部品番号 M-FIAM7MG3
部品情報  Military COTS 28 Vin Filter Input Attenuator Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM7MG3 データシート(HTML) 4 Page - Vicor Corporation

  M-FIAM7MG3 Datasheet HTML 1Page - Vicor Corporation M-FIAM7MG3 Datasheet HTML 2Page - Vicor Corporation M-FIAM7MG3 Datasheet HTML 3Page - Vicor Corporation M-FIAM7MG3 Datasheet HTML 4Page - Vicor Corporation M-FIAM7MG3 Datasheet HTML 5Page - Vicor Corporation M-FIAM7MG3 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM7
Rev. 2.4
Page 4 of 6
Set your site on VICOR at vicorpower.com
Figure 3 – Transient Immunity; M-FIAM7 output response to
an input transient.
Figure 4 `– Inrush Limiting; Inrush current with 1000 μF
external capacitance.
Figure 7 – Basic connection diagram with Transient, Surge Protection and Recommended Reverse Polarity Protection.
EMI
GND
NC
++
NC
NC
ON
OFF
C1
MFIAM7
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
-In
PC
VC
TM
+In
-Out
+Out
VTM
+Out
-Out
K
Ro
Transorb
P/N
19180-510
C
C
C
C
F1
Component Suggestions
Recommended Fuse: (F1) 10 A (max), Bussmann ABC style
Capacitance: (C1) 330 µF (min), 1000 µF (max); (C) 4700 pF
Input
Figure 5 – M-FIAM7 EMI Compliance only
0
M-FIAM7 EMI Compliance Only
Input Voltage (VDC)
5
10152025
30
35404550
600
500
400
300
200
100
Safe Operating
Area
Figure 6 – M-FIAM7 EMI and MIL-STD-1275D Transient
Compliance
0
M-FIAM7 EMI and MIL-STD-1275D
Transient Compliance
Input Voltage (VDC)
140
130
120
110
100
Safe Operating
Area
010
20
3040506070
80
90
100
110
14
(Normal Operation)
(Transient 50 mS max.)


同様の部品番号 - M-FIAM7MG3

メーカー部品番号データシート部品情報
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI11 POWERBOX-M-FIAM3BI11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI12 POWERBOX-M-FIAM3BI12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI13 POWERBOX-M-FIAM3BI13 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

同様の説明 - M-FIAM7MG3

メーカー部品番号データシート部品情報
logo
Vicor Corporation
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com