データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV036F072M017 データシート(PDF) 2 Page - Vicor Corporation

部品番号 MV036F072M017
部品情報  VTM Current Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F072M017 データシート(HTML) 2 Page - Vicor Corporation

  MV036F072M017 Datasheet HTML 1Page - Vicor Corporation MV036F072M017 Datasheet HTML 2Page - Vicor Corporation MV036F072M017 Datasheet HTML 3Page - Vicor Corporation MV036F072M017 Datasheet HTML 4Page - Vicor Corporation MV036F072M017 Datasheet HTML 5Page - Vicor Corporation MV036F072M017 Datasheet HTML 6Page - Vicor Corporation MV036F072M017 Datasheet HTML 7Page - Vicor Corporation MV036F072M017 Datasheet HTML 8Page - Vicor Corporation MV036F072M017 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
MV036 SERIES
Rev. 2.5
Page 2 of 10
V•I Chip Voltage Transformation Module
Electrical Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
26
36
50
Vdc
Operable down to zero V with VC voltage applied
Input dV/dt
1
V/µs
Input overvoltage turn-on
50.5
54.4
Vdc
Input overvoltage turn-off
55.5
57.5
Vdc
Input current
3.5
Adc
Continuous
No load power dissipation
1.5
3.0
6.0
W
Low line to high line
Input Specs (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
See Table 1
Vdc
No load
K•VIN – IO•ROUT NOM
Vdc
Full load
Rated DC current
0
100
Adc
26 - 50 VIN
See Table 1
Peak repetitive current
150%
IMAX (A)
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
DC current limit
160%
INOM (A)
Module will shut down when current limit is reached
or exceeded
Current share accuracy
5
10
%
Efficiency
See Table 2, Page 3
Load capacitance
See Table 2 when used with PRM
Output overvoltage setpoint
110%
115%
VOUT MAX
Output ripple voltage (typ)
No external bypass
50
250
mV
See Figures 2 and 5
10 µF bypass capacitor
2
20
mV
See Figure 6
Effective switching frequency
2.5
3.0
3.6
MHz
Model dependent
Line regulation
0.99K
K
1.01K
VOUT = K•VIN at no load, See Table 1
Load regulation
ROUTMIN
ROUTMAX
m
Ω
See Table 1
Transient response
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)


同様の部品番号 - MV036F072M017

メーカー部品番号データシート部品情報
logo
Vicor Corporation
MV036F072M017 VICOR-MV036F072M017 Datasheet
711Kb / 10P
   Transformer
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   High density
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F072M017** VICOR-MV036F072M017* Datasheet
1Mb / 10P
   MV036 SERIES
More results

同様の説明 - MV036F072M017

メーカー部品番号データシート部品情報
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com