データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD-A815RD データシート(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

部品番号 BD-A815RD
部品情報  bright red chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BRIGHT [BRIGHT LED ELECTRONICS CORP]
ホームページ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-A815RD データシート(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BD-A815RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-A815RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-A815RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--A
A8
81
15
5R
RD
D
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
40
mW
Forward Current Per Segment
IF
15
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
50
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
2.1
2.5
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
1.6
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
700
-
nm
Dominant Wave Length
λ
d
IF=10mA
631
-
641
nm
Spectral Line Half-width
∆λ
IF=10mA
-
90
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


同様の部品番号 - BD-A815RD

メーカー部品番号データシート部品情報
logo
Yellow Stone Corp
BD-A815RD YSTONE-BD-A815RD Datasheet
198Kb / 2P
   DUAL DIGIT LED DISPLAY
More results

同様の説明 - BD-A815RD

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BA-10H1UD BRIGHT-BA-10H1UD Datasheet
191Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-C546RD BRIGHT-BD-C546RD Datasheet
184Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RE BRIGHT-BD-E285RE Datasheet
183Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A545RD BRIGHT-BD-A545RD Datasheet
180Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RD BRIGHT-BD-E285RD Datasheet
238Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E815RD BRIGHT-BD-E815RD Datasheet
178Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A405ND BRIGHT-BD-A405ND Datasheet
174Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-F305RD BRIGHT-BD-F305RD Datasheet
199Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E505RD BRIGHT-BD-E505RD Datasheet
179Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A515RE BRIGHT-BD-A515RE Datasheet
201Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-F405RD BRIGHT-BD-F405RD Datasheet
214Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com