データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD-A815RD データシート(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

部品番号 BD-A815RD
部品情報  bright red chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BRIGHT [BRIGHT LED ELECTRONICS CORP]
ホームページ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-A815RD データシート(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BD-A815RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-A815RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-A815RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--A
A8
81
15
5R
RD
D
Ver.1.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0.0
1.0
2.0
3.0
0
30
10
20
40
50
40
10
20
30
50
Forward Current
4
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
550
0
0.5
1.0
600
650
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
10
5
15
20
20
40
60
80
0.5
25
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
700
750
Intensity VS.
800
850
0
0
0
佰鴻工業股份有限公司
http://www.brtled.com


同様の部品番号 - BD-A815RD

メーカー部品番号データシート部品情報
logo
Yellow Stone Corp
BD-A815RD YSTONE-BD-A815RD Datasheet
198Kb / 2P
   DUAL DIGIT LED DISPLAY
More results

同様の説明 - BD-A815RD

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BA-10H1UD BRIGHT-BA-10H1UD Datasheet
191Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-C546RD BRIGHT-BD-C546RD Datasheet
184Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RE BRIGHT-BD-E285RE Datasheet
183Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A545RD BRIGHT-BD-A545RD Datasheet
180Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RD BRIGHT-BD-E285RD Datasheet
238Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E815RD BRIGHT-BD-E815RD Datasheet
178Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A405ND BRIGHT-BD-A405ND Datasheet
174Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-F305RD BRIGHT-BD-F305RD Datasheet
199Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E505RD BRIGHT-BD-E505RD Datasheet
179Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A515RE BRIGHT-BD-A515RE Datasheet
201Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-F405RD BRIGHT-BD-F405RD Datasheet
214Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com