データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD-E543RD データシート(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

部品番号 BD-E543RD
部品情報  yellow chips, which are made from GaAsP on GaP substrate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BRIGHT [BRIGHT LED ELECTRONICS CORP]
ホームページ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E543RD データシート(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-E543RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E543RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E543RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--E
E5
54
43
3R
RD
D
Ver.1.0 Page 1 of 3
SINCE 1981
PIN 1.
G
D1
+
E
D
F
B
DP
C
A
D2
5
G
10
A
9
B
1
C
4
D
3
E F
6
D1
8
2
DP
7
D2
Package Dimensions :
8
14.2(.560)
0.5(.020)
3.0(.118) MIN.
2.54(.100)
25.00(.984)
8.0(.315)
19.0(.748)
1.5(.059)
8.00(.315)
15.24(.600)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.56 inch (14.20 mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Duplex drive common anode.
Description :
1.
The BD-E543RD is a 14.20 mm (0.56")
high dual digit seven segments display.
2.
This product use yellow chips, which
are made from GaAsP on GaP substrate.
3.
This product have a black face and
white segments.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


同様の部品番号 - BD-E543RD

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BD-E543RD-A ETC1-BD-E543RD-A Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

同様の説明 - BD-E543RD

メーカー部品番号データシート部品情報
logo
BRIGHT LED ELECTRONICS ...
BA-8Y6UW BRIGHT-BA-8Y6UW Datasheet
195Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-C403ND BRIGHT-BD-C403ND Datasheet
184Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-3Y12UW BRIGHT-BA-3Y12UW Datasheet
150Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BL-B6Y120-3P BRIGHT-BL-B6Y120-3P Datasheet
159Kb / 2P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E283RD BRIGHT-BD-E283RD Datasheet
182Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A543RD BRIGHT-BD-A543RD Datasheet
250Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-12Y3UD BRIGHT-BA-12Y3UD Datasheet
163Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BA-10Y1UD BRIGHT-BA-10Y1UD Datasheet
192Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-F523RD BRIGHT-BD-F523RD Datasheet
183Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-A403ND BRIGHT-BD-A403ND Datasheet
181Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
BD-E323RD BRIGHT-BD-E323RD Datasheet
254Kb / 3P
   yellow chips, which are made from GaAsP on GaP substrate.
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com