データシートサーチシステム |
|
SM55161A-80HKCM データシート(PDF) 2 Page - Austin Semiconductor |
|
SM55161A-80HKCM データシート(HTML) 2 Page - Austin Semiconductor |
2 / 64 page VRAM SM55161A Production Austin Semiconductor, Inc. AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 2 SMJ55161A Rev. 1.6 03/05 PERFORMANCE RANGES DESCRIPTION SYM MIN MAX MIN MAX MIN MAX UNITS Access Time Row Enable ta(R) 70 75 80 ns Access Time Serial Data ta(SQ) 20 23 25 ns DRAM Cycle Time tc(W) 130 140 150 ns DRAM Page Mode tc(P) 45 48 50 ns Serial Cycle Time tc(SC) 22 24 30 ns Operating Current, Serial Port Stand-by ICC1 165 165 210 mA Operating Current, Serial Port Active ICC1A 210 210 195 mA -70 -75 -80 GB PACKAGE (Bottom View) & PIN ASSIGNMENTS PIN No. NAME PIN No. NAME J1 DQ1 E8 VSS1 J2 SQ3 E9 A4 J3 DQ3 D1 SE\ J4 DQ4 D2 VSS1 J5 DQ5 D3 VDD1 J6 DQ6 D7 VSS1 J7 SQ7 D8 A3 J8 CASL\ D9 A2 J9 A8 C1 SQ15 H1 DQ0 C2 VSS1 H2 SQ2 C3 VDD2 H3 DQ2 C4 VSS2 H4 SQ4 C6 VDD2 H5 SQ5 C7 VSS2 H6 SQ6 C8 CASU\ H7 DQ7 C9 A1 H8 WE\ B1 DQ15 H9 A7 B2 DQ14 G1 SQ0 B3 DQ13 G2 SQ1 B4 DQ12 G3 VDD2 B5 DQ11 G4 VSS2 B6 DQ10 G6 VDD2 B7 SQ8 G7 VSS2 B8 DSF G8 RAS\ B9 A0 G9 A6 A1 SQ14 F1 TRG A2 SQ13 F2 VSS1 A3 SQ12 F3 VDD1 A4 SQ11 F7 VDD1 A5 SQ10 F8 VDD1 A6 SQ9 F9 A5 A7 DQ9 E1 SC A8 DQ8 E2 VDD1 A9 QSF |
同様の部品番号 - SM55161A-80HKCM |
|
同様の説明 - SM55161A-80HKCM |