データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5291 データシート(PDF) 10 Page - Analog Devices

部品番号 AD5291
部品情報  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5291 データシート(HTML) 10 Page - Analog Devices

Back Button AD5291 Datasheet HTML 6Page - Analog Devices AD5291 Datasheet HTML 7Page - Analog Devices AD5291 Datasheet HTML 8Page - Analog Devices AD5291 Datasheet HTML 9Page - Analog Devices AD5291 Datasheet HTML 10Page - Analog Devices AD5291 Datasheet HTML 11Page - Analog Devices AD5291 Datasheet HTML 12Page - Analog Devices AD5291 Datasheet HTML 13Page - Analog Devices AD5291 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RESET
VSS
A
W
RDY
SYNC
VLOGIC
SCLK
B
VDD
EXT_CAP
1
2
3
4
5
6
7
DIN
GND
14
13
12
11
10
9
8
AD5291/
AD5292
TOP VIEW
Not to Scale
SDO
Figure 5. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Hardware Reset Pin. Refreshes the RDAC register with the contents of the 20-TP memory register. Factory
default loads midscale until the first 20-TP wiper memory location is programmed. RESET is activated at the
logic high transition. Tie RESET to VLOGIC if not used.
2
VSS
Negative Supply. Connect to 0 V for single-supply applications. This pin should be decoupled with 0.1 μF
ceramic capacitors and 10 μF capacitors.
3
A
Terminal A of RDAC. VSS ≤ VA ≤ VDD.
4
W
Wiper Terminal of RDAC. VSS ≤ VW ≤ VDD.
5
B
Terminal B of RDAC. VSS ≤ VB ≤ VDD.
6
VDD
Positive Power Supply. This pin should be decoupled with 0.1 μF ceramic capacitors and 10 μF capacitors.
7
EXT_CAP
External Capacitor. Connect a 1 μF capacitor to EXT_CAP. This capacitor must have a voltage rating of ≥7 V.
8
VLOGIC
Logic Power Supply; 2.7 V to 5.5 V. This pin should be decoupled with 0.1 μF ceramic capacitors and 10 μF
capacitors.
9
GND
Ground Pin, Logic Ground Reference.
10
DIN
Serial Data Input. The AD5291/AD5292 have a 16-bit shift register. Data is clocked into the register on the falling
edge of the serial clock input.
11
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of the serial clock input. Data can be
transferred at rates up to 50 MHz.
12
SYNC
Falling Edge Synchronization Signal. This is the frame synchronization signal for the input data. When SYNC
goes low, it enables the shift register and data is transferred in on the falling edges of the following clocks. The
selected register is updated on the rising edge of SYNC following the 16th clock cycle. If SYNC is taken high
before the 16th clock cycle, the rising edge of SYNC acts as an interrupt, and the write sequence is ignored by
the DAC.
13
SDO
Serial Data Output. This open-drain output requires an external pull-up resistor. SDO can be used to clock data
from the shift register in daisy-chain mode or in readback mode.
14
RDY
Ready Pin. This active-high open-drain output identifies the completion of a write or read operation to or from
the RDAC register or memory.


同様の部品番号 - AD5291

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5291 AD-AD5291 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5291BRUZ-100 AD-AD5291BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-100 AD-AD5291BRUZ-100 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5291BRUZ-100-RL7 AD-AD5291BRUZ-100-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-100-RL7 AD-AD5291BRUZ-100-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

同様の説明 - AD5291

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com