データシートサーチシステム |
|
ADM12914-1ARQZ-RL7 データシート(PDF) 6 Page - Analog Devices |
|
ADM12914-1ARQZ-RL7 データシート(HTML) 6 Page - Analog Devices |
6 / 16 page ADM12914 Rev. 0 | Page 6 of 16 Pin No. ADM12914-1 ADM12914-2 Mnemonic Description 15 15 TIMER Adjustable Reset Delay Timer. Connect an external capacitor to the TIMER pin to program the reset timeout delay. Refer to Figure 15 in the Typical Performance Characteristics section. Connect this pin to VCC to bypass the timer. 16 16 VCC Supply Voltage. VCC operates as a direct supply for voltages up to 6 V. For voltages greater than 6 V, it operates as a shunt regulator. A dropping resistor must be used in this configuration to limit the current to less than 10 mA. When used without the resistor, the voltage at this pin must not exceed 6 V. A 0.1 μF bypass capacitor or greater should be used. 1 N/A means not applicable. |
同様の部品番号 - ADM12914-1ARQZ-RL7 |
|
同様の説明 - ADM12914-1ARQZ-RL7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |