データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL327 データシート(PDF) 3 Page - Analog Devices

部品番号 ADXL327
部品情報  Small, Low Power, 3-Axis 짹2 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL327 データシート(HTML) 3 Page - Analog Devices

  ADXL327 Datasheet HTML 1Page - Analog Devices ADXL327 Datasheet HTML 2Page - Analog Devices ADXL327 Datasheet HTML 3Page - Analog Devices ADXL327 Datasheet HTML 4Page - Analog Devices ADXL327 Datasheet HTML 5Page - Analog Devices ADXL327 Datasheet HTML 6Page - Analog Devices ADXL327 Datasheet HTML 7Page - Analog Devices ADXL327 Datasheet HTML 8Page - Analog Devices ADXL327 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADXL327
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = 3 V, CX = CY = CZ = 0.1 μF, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications are
guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
±2
±2.5
g
Nonlinearity
Percent of full scale
±0.2
%
Package Alignment Error
±1
Degrees
Interaxis Alignment Error
±0.1
Degrees
Cross Axis Sensitivity1
±1
%
SENSITIVITY (RATIOMETRIC)2
Each axis
Sensitivity at XOUT, YOUT, ZOUT
VS = 3 V
378
420
462
mV/g
Sensitivity Change Due to Temperature3
VS = 3 V
±0.01
%/°C
ZERO g BIAS LEVEL (RATIOMETRIC)
0 g Voltage at XOUT, YOUT
VS = 3 V
1.3
1.5
1.7
V
0 g Voltage at ZOUT
VS = 3 V
1.2
1.5
1.8
V
0 g Offset vs. Temperature
±1
mg/°C
NOISE PERFORMANCE
Noise Density XOUT, YOUT, ZOUT
250
μg/√Hz rms
FREQUENCY RESPONSE4
Bandwidth XOUT, YOUT5
No external filter
1600
Hz
Bandwidth ZOUT5
No external filter
550
Hz
RFILT Tolerance
32 ± 15%
Sensor Resonant Frequency
5.5
kHz
SELF TEST6
Logic Input Low
+0.6
V
Logic Input High
+2.4
V
ST Actuation Current
+60
μA
Output Change at XOUT
Self test 0 to 1
−210
−450
−850
mV
Output Change at YOUT
Self test 0 to 1
+210
+450
+850
mV
Output Change at ZOUT
Self test 0 to 1
+210
+770
+1400
mV
OUTPUT AMPLIFIER
Output Swing Low
No load
0.1
V
Output Swing High
No load
2.8
V
POWER SUPPLY
Operating Voltage Range
1.8
3.6
V
Supply Current
VS = 3 V
350
μA
Turn-On Time7
No external filter
1
ms
TEMPERATURE
Operating Temperature Range
−40
+85
°C
1 Defined as coupling between any two axes.
2 Sensitivity is essentially ratiometric to VS.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external filter capacitors (CX, CY, CZ).
5 Bandwidth with external capacitors = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.003 μF, bandwidth = 1.6 kHz. For CZ = 0.01 μF, bandwidth = 500 Hz. For CX, CY, CZ = 10 μF,
bandwidth = 0.5 Hz.
6 Self test response changes cubically with VS.
7 Turn-on time is dependent on CX, CY, CZ and is approximately 160 × CX or CY or CZ + 1 ms, where CX, CY, CZ are in μF.


同様の部品番号 - ADXL327

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

同様の説明 - ADXL327

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com