データシートサーチシステム |
|
800-008-16ZN6-1A データシート(PDF) 1 Page - Glenair, Inc. |
|
800-008-16ZN6-1A データシート(HTML) 1 Page - Glenair, Inc. |
1 / 2 page A B C D E F G H J K L M Dimensions in inches (millimeters) and are subject to change without notice. © 2009 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com C-4 E-Mail: sales@glenair.com Compact Size saves space and weight. Smaller than other Series 80 plugs, these Series 800 plugs are suitable for hostile environments and are watertight when mated. Two Shell Styles: Integral platform for direct shield attachment using BAND- IT® termination system, or accessory thread for attaching a strain relief. Series 800 Plug Connector Crimp, Rear Release contact system, now with #12 and #16 M39029 coaxial or power contacts. Two Coupling Nut Styles: Hex nut or round knurled nut. Either style is available with optional wave spring which helps to prevent the nut from backing off. HOW TO ORDER Sample Part Number 800-006 -06 M 7-10 P Z Series Shell Style Shell Material / Finish Shell Size- Insert Arrangement Contact Type Shell Key Position 800-006 Hex Plug with Banding Platform 800-007 Hex Plug with Accessory Thread 800-008 Knurled Round Plug with Band Platform 800-009 Knurled Round Plug with Accessory Thread -06 Standard Coupling Nut -16 Coupling Nut with Anti- Decoupling Wave Spring C Aluminum / Black Anodize (Non-Conductive) RoHS Compliant M Aluminum / Electroless Nickel RoHS Compliant NF Aluminum / Cadmium with Olive Drab Chromate ZN Aluminum / Zinc-Nickel with Olive Drab Chromate UCR Aluminum / Zinc-Cobalt with Black Chromate RoHS Compliant ZNU Aluminum / Zinc-Nickel with Black Chromate MT Aluminum / Nickel-PTFE RoHS Compliant Z1 Stainless Steel / Passivated RoHS Compliant No. of Contacts Arr. #23 #20 #16 #12 5-3 3 6-1 1 6-4 4 6-7 7 7-1 1 7-10 10 8-2 2 8-13 13 8-200 42 9-4 4 9-19 19 9-200 42 9-201 82 10-5 5 10-26 26 10-200 12 1 10-201 42 10-202 82 12-2 2 12-3 3 12-7 7 12-37 37 12-200 62 12-201 10 2 Connector supplied with contacts P Pin S Socket Connector supplied without contacts A Pin B Socket Connector Connectors with contacts are supplied with signal and/or power crimp contacts. These contacts are not installed. Coaxial contacts and non- standard signal contacts are ordered separately. N Normal X Pos. X Y Pos. Y Z Pos. Z S i 800 Pl C t Series 800 “Mighty Mouse” with UN Mating Thread Plug Connector Ordering Information 800-006 Thru 800-009 Rev. 01-FEB-2009 |
同様の部品番号 - 800-008-16ZN6-1A |
|
同様の説明 - 800-008-16ZN6-1A |