データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

800-009-06NF6-1S データシート(PDF) 1 Page - Glenair, Inc.

部品番号 800-009-06NF6-1S
部品情報  Plug Connector Ordering Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GLENAIR [Glenair, Inc.]
ホームページ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-009-06NF6-1S データシート(HTML) 1 Page - Glenair, Inc.

  800-009-06NF6-1S Datasheet HTML 1Page - Glenair, Inc. 800-009-06NF6-1S Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-4
E-Mail: sales@glenair.com
Compact Size
saves space and
weight. Smaller than other Series 80
plugs, these Series 800 plugs are
suitable for hostile environments and
are watertight when mated.
Two Shell Styles:
Integral platform for
direct shield attachment using BAND-
IT®
termination system, or accessory
thread for attaching a strain relief.
Series 800 Plug Connector
Crimp, Rear Release
contact system,
now with #12 and #16 M39029 coaxial
or power contacts.
Two Coupling Nut Styles:
Hex nut
or round knurled nut. Either style is
available with optional wave spring
which helps to prevent the nut from
backing off.
HOW TO ORDER
Sample Part Number
800-006
-06
M
7-10
P
Z
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact Type
Shell Key
Position
800-006
Hex Plug with
Banding Platform
800-007
Hex Plug with
Accessory
Thread
800-008
Knurled Round
Plug with Band
Platform
800-009
Knurled Round
Plug with
Accessory
Thread
-06
Standard
Coupling Nut
-16
Coupling Nut
with Anti-
Decoupling
Wave Spring
C
Aluminum / Black Anodize
(Non-Conductive)
RoHS Compliant
M
Aluminum / Electroless
Nickel
RoHS Compliant
NF
Aluminum / Cadmium with
Olive Drab Chromate
ZN
Aluminum / Zinc-Nickel with
Olive Drab Chromate
UCR
Aluminum / Zinc-Cobalt
with Black Chromate
RoHS Compliant
ZNU
Aluminum / Zinc-Nickel with
Black Chromate
MT
Aluminum / Nickel-PTFE
RoHS Compliant
Z1
Stainless Steel / Passivated
RoHS Compliant
No. of Contacts
Arr.
#23 #20 #16 #12
5-3
3
6-1
1
6-4
4
6-7
7
7-1
1
7-10
10
8-2
2
8-13
13
8-200
42
9-4
4
9-19
19
9-200
42
9-201
82
10-5
5
10-26 26
10-200 12
1
10-201 42
10-202 82
12-2
2
12-3
3
12-7
7
12-37 37
12-200 62
12-201 10
2
Connector supplied
with contacts
P
Pin
S
Socket
Connector supplied
without contacts
A
Pin
B
Socket Connector
Connectors with contacts
are supplied with signal
and/or power crimp
contacts. These contacts
are not installed.
Coaxial contacts and non-
standard signal contacts
are ordered separately.
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
S
i
800 Pl
C
t
Series 800 “Mighty Mouse” with UN Mating Thread
Plug Connector Ordering Information
800-006 Thru 800-009
Rev. 01-FEB-2009


同様の部品番号 - 800-009-06NF6-1S

メーカー部品番号データシート部品情報
logo
Glenair, Inc.
800-006 GLENAIR-800-006 Datasheet
158Kb / 1P
   Mighty Mouse UN Mating Thread Plug
More results

同様の説明 - 800-009-06NF6-1S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
logo
List of Unclassifed Man...
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com