データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5T17 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 SM5T17
部品情報  Wideband Load Insensitive Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM5T17 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SM5T17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM5T17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wideband Load Insensitive Mixer
Rev. V2
SM5T17
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Operating Temperature
-54ºC to +100ºC
Storage Temperature
-65ºC to +100ºC
Peak Input Power
+27 dBm max @ +25ºC
+23 dBm max @ +100ºC
Peak Input Current
50 mA DC
Outline Drawing: Surface Mount
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Weight: 2 grams (0.07 oz.) max.


同様の部品番号 - SM5T17

メーカー部品番号データシート部品情報
logo
Tyco Electronics
SM5T17 MACOM-SM5T17 Datasheet
195Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17_15 Datasheet
477Kb / 3P
   Wideband Load Insensitive Mixer
More results

同様の説明 - SM5T17

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
SM5TH MA-COM-SM5TH Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5TH MACOM-SM5TH Datasheet
194Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5T MA-COM-SM5T Datasheet
88Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH MA-COM-SM5TH Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
M5T MA-COM-M5T Datasheet
508Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH_V3 MA-COM-SM5TH_V3 Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
SM5T MA-COM-SM5T_15 Datasheet
494Kb / 3P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17_15 Datasheet
477Kb / 3P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5T17 MACOM-SM5T17 Datasheet
195Kb / 2P
   Wideband Load Insensitive Mixer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com