データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA2810 データシート(PDF) 3 Page - Motorola, Inc

部品番号 CA2810
部品情報  34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA2810 データシート(HTML) 3 Page - Motorola, Inc

  CA2810 Datasheet HTML 1Page - Motorola, Inc CA2810 Datasheet HTML 2Page - Motorola, Inc CA2810 Datasheet HTML 3Page - Motorola, Inc CA2810 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CA2810C
MOTOROLA RF DEVICE DATA
fH, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
– 40
– 45
– 50
– 55
– 60
– 65
– 70
– 75
15 V
24 V
28 V
Pout = + 20 dBm
TC = 25°C
Figure 7. Second Harmonic Distortion versus Voltage
f, FREQUENCY (MHz)
100
700
600
500
400
300
200
0
6
5
4
3
2
1
0
VCC = 24 V
TC = 25°C
Figure 8. Group Delay versus Frequency
Biased at 24 Volts
T = 25
°C Zo = 50Ω
Frequency
(MHz)
S11
S21
S12
S22
Frequency
(MHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
10
– 13.8
3.5
34.2
– 145
– 46
– 131
– 13.5
8.2
50
– 16.0
– 3.0
34.2
150
– 47
– 172
– 18.5
4.6
100
– 14.4
– 14
34.4
88
– 48
102
– 14.5
– 9.2
200
– 13.2
– 50
34.6
2
– 42
35
– 13.2
– 80
300
– 13.9
– 79
35.0
– 80
– 46
65
– 16.7
– 49
400
– 14.1
– 115
35.0
– 80
– 48
– 44
– 14.2
11
450
– 16.2
– 122
34.6
120
– 53
– 82
– 13.8
– 46
Magnitude in dB, Phase Angle in degrees.
Table 1. S–Parameters
Figure 9. External Connections
Figure 10. Intermodulation Test
PIN CONFIGURATION
1 2
8 9
7
3 4 5 6
OUTPUT
0.01
µF
VCC
INPUT
ITO = Po + IMD / 2 @ IMD > 60 dB
PEP = 4 x Po @ IMD = – 32 dB
f1
f2
2 f2 – f1
IMD
Po


同様の部品番号 - CA2810

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
CA2810C NXP-CA2810C Datasheet
260Kb / 4P
   The RF Line Wideband Linear Amplifier
More results

同様の説明 - CA2810

メーカー部品番号データシート部品情報
logo
Motorola, Inc
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
CA2818C MOTOROLA-CA2818C Datasheet
121Kb / 4P
   18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER
CA2842C MOTOROLA-CA2842C Datasheet
126Kb / 4P
   22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
logo
Tyco Electronics
PAW788 MACOM-PAW788 Datasheet
52Kb / 1P
   40-750 MHz. 34 dB. CATV Ultra-linear Amplifier
PAW588 MACOM-PAW588 Datasheet
52Kb / 1P
   40-550 MHz. 34 dB. CATV Ultra-linear Amplifier
logo
Stealth Microwave, Inc.
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
logo
Motorola, Inc
CA2832C MOTOROLA-CA2832C Datasheet
99Kb / 4P
   35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
   1-200MHz 19.0 dB CATV Wideband Linear Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com