データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C650A データシート(PDF) 8 Page - Exar Corporation

部品番号 ST16C650A
部品情報  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650A データシート(HTML) 8 Page - Exar Corporation

Back Button ST16C650A_09 Datasheet HTML 4Page - Exar Corporation ST16C650A_09 Datasheet HTML 5Page - Exar Corporation ST16C650A_09 Datasheet HTML 6Page - Exar Corporation ST16C650A_09 Datasheet HTML 7Page - Exar Corporation ST16C650A_09 Datasheet HTML 8Page - Exar Corporation ST16C650A_09 Datasheet HTML 9Page - Exar Corporation ST16C650A_09 Datasheet HTML 10Page - Exar Corporation ST16C650A_09 Datasheet HTML 11Page - Exar Corporation ST16C650A_09 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ST16C650A
8
2.90V TO 5.5V UART WITH 32-BYTE FIFO
REV. 5.0.2
2.0 FUNCTIONAL DESCRIPTIONS
2.1
Host Data Bus Interface
The host interface is 8 data bits wide with 3 address lines and control signals to execute bus read and write
transactions. The 650A supports 2 type of host interfaces: Intel and PC mode. The Intel bus interface is
selected by connecting SEL to a logic 1. The Intel bus interconnections are shown in Figure 3. The special PC
mode is selected when SEL is connected to a logic 0. The PC mode interconnections are shown in Figure 4.
FIGURE 3. ST16C650A INTEL BUS INTERCONNECTIONS
FIGURE 4. ST16C650A PC MODE INTERCONNECTIONS
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
IOR*
IOW*
RESET
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
A0
A1
A2
CS2#
RESET
VCC
CS0
CS1
AS#
IOR
IOW
INT
INT
RCLK
BAUDOUT#
SEL
VCC
GND
CS#
OP2#
OP1#
DSR#
CTS#
RTS#
DTR#
RX
TX
RI#
CD#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
A3
A4
A5
A6
A7
A14
A15
AEN#
IOW#
IOR#
RESET
D0
D1
D2
D3
D4
D5
D6
D7
IOW#
A0
A1
A2
RESET
VCC
CS0
CS1
AS#
IOR
IOW
IRQn
IRQA
SEL
VCC
GND
IOR#
IRQB
IRQC
IRQ4
IRQ3
A3
A4
A5
A6
A7
A8
A9
AEN*
OP1#
RI#
CD#
DSR#
CTS#
RX
TX
RTS#
DTR#
S1
S2
S3
VCC
GND
GND


同様の部品番号 - ST16C650A_09

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

同様の説明 - ST16C650A_09

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com