データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD6782A データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD6782A
部品情報  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6782A データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD6782A Datasheet HTML 1Page - Fairchild Semiconductor FDD6782A Datasheet HTML 2Page - Fairchild Semiconductor FDD6782A Datasheet HTML 3Page - Fairchild Semiconductor FDD6782A Datasheet HTML 4Page - Fairchild Semiconductor FDD6782A Datasheet HTML 5Page - Fairchild Semiconductor FDD6782A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.fairchildsemi.com
3
©2009 Fairchild Semiconductor Corporation
FDD6782A Rev.C
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
V
GS = 8 V
V
GS = 6 V
V
GS = 4.5 V
V
GS = 10 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
V
GS = 3.5 V
V
GS = 4 V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
0
2040
6080
100
0
1
2
3
4
V
GS = 8 V
V
GS = 6 V
V
GS = 4.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 10 V
V
GS = 4 V
V
GS = 3.5 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75 -50 -25
0
25
50
75
100 125 150 175
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 14.9 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
2468
10
5
10
15
20
25
30
35
ID = 14.9 A
TJ = 25 oC
TJ = 150 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0
1
23
45
67
8
0
20
40
60
80
100
VDS = 3 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
TJ = 175 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 175 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


同様の部品番号 - FDD6782A

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDD6782A ISC-FDD6782A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FDD6782A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com