データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8647L データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD8647L
部品情報  N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8647L データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD8647L Datasheet HTML 1Page - Fairchild Semiconductor FDD8647L Datasheet HTML 2Page - Fairchild Semiconductor FDD8647L Datasheet HTML 3Page - Fairchild Semiconductor FDD8647L Datasheet HTML 4Page - Fairchild Semiconductor FDD8647L Datasheet HTML 5Page - Fairchild Semiconductor FDD8647L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.fairchildsemi.com
3
©2008 Fairchild Semiconductor Corporation
FDD8647L Rev.C
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
V
GS = 5 V
V
GS = 4.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
V
GS = 4 V
V
GS = 3.5 V
V
GS = 10 V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0
2040
6080
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
GS = 3.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 4 V
V
GS = 4.5 V
V
GS = 5 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 13 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
2468
10
0
10
20
30
40
TJ = 125 oC
ID = 13 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
1234
5
0
20
40
60
80
100
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


同様の部品番号 - FDD8647L

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FDD8647L VBSEMI-FDD8647L Datasheet
1,003Kb / 8P
   N-Channel 4 -V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8647L ISC-FDD8647L Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FDD8647L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDS8882 FAIRCHILD-FDS8882 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 20.0 m廓
FDMC8327L FAIRCHILD-FDMC8327L Datasheet
400Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 14 A, 9.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
FDS8842NZ FAIRCHILD-FDS8842NZ Datasheet
310Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com