データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST3406S23RG データシート(PDF) 3 Page - Stanson Technology

部品番号 ST3406S23RG
部品情報  N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST3406S23RG データシート(HTML) 3 Page - Stanson Technology

  ST3406S23RG Datasheet HTML 1Page - Stanson Technology ST3406S23RG Datasheet HTML 2Page - Stanson Technology ST3406S23RG Datasheet HTML 3Page - Stanson Technology ST3406S23RG Datasheet HTML 4Page - Stanson Technology ST3406S23RG Datasheet HTML 5Page - Stanson Technology ST3406S23RG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST3406
N Channel Enhancement Mode MOSFET
5.4A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
ST3406 2006. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±
100
nA
VDS=24V,VGS=0V
1
Zero Gate Voltage Drain
Current
IDSS
VDS=24V,VGS=0V
TJ=55℃
10
uA
On-State Drain Current
ID(on)
VDS5V,VGS=4.5V
10
A
Drain-source On-Resistance
RDS(on)
VGS=10V,ID=4.0A
VGS=4.5V,ID=3.6A
26
36
33
41
Forward Transconductance
gfs
VDS=4.5V,ID=5.4A
12
S
Diode Forward Voltage
VSD
IS=1.7A,VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
10
18
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
VDS=15V
VGS=10V
ID≣6.7A
3.1
nC
Input Capacitance
Ciss
450
Output Capacitance
Coss
240
Reverse Transfer Capacitance
Crss
VDS=15V
VGS=0V
F=1MHz
38
pF
7
15
Turn-On Time
td(on)
tr
10
20
20
40
Turn-Off Time
td(off)
tf
VDD=15V
RL=15Ω
ID=1.0A
VGEN=10V
RG=6Ω
11
20
nS


同様の部品番号 - ST3406S23RG

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
ST3406S23RG VBSEMI-ST3406S23RG Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - ST3406S23RG

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com