データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB139 データシート(PDF) 5 Page - Summit Microelectronics, Inc.

部品番号 SMB139
部品情報  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB139 データシート(HTML) 5 Page - Summit Microelectronics, Inc.

  SMB139 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SMB139
Summit Microelectronics, Inc
2121 3.0 6/19/2008
5
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ....................... -55°C to 155°C
Storage Temperature............................. -55°C to 125°C
Terminal Voltage with Respect to GND:
VIN ................................................... -0.3V to +10V
All Others ..............................................-0.3V to 6V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 s)...........................300°C
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC…………………....……..2000V
Latch-Up testing per JEDEC………..…....……
±100mA
Note: The device is not guaranteed to function outside its
operating rating. Stresses listed under Absolute Maximum
Ratings may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions outside those listed in the
operational sections of the specification is not implied.
Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Devices are ESD sensitive. Handling precautions are
recommended.
Temperature Range …………….…… …-30°C to +85°C
VIN ..........................................................+4.35V to +6.5V
Package Thermal Resistance (
θJA)
uCSP
TM-15…………………………..………..…....55°C/W
Note: measured on a 1.5” x 1.1”, 4-layer PCB with a copper
weight of 1oz and a single via attaching the two ground balls
to the internal ground plane.
RELIABILITY CHARACTERISTICS
Data Retention…………………………..…..100 Years
Endurance…………………….……….100,000 Cycles
DC OPERATING CHARACTERISTICS
TA= 0°C to +70°C, VIN = +5.0V, VFLOAT = +4.2V unless otherwise noted. All voltages are relative to GND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General
VIN
Input supply voltage
VFLT = 4.2V
+4.35
+6.5
V
VUVLO
Under-voltage lockout voltage
VFLT = 4.2V
+3.5
V
VUVLO-HYS
Under-voltage lockout
hysteresis
VFLT = 4.2V
10
mV
VOVLO
Input over-voltage lockout
voltage
+7.0
V
VVOB
Battery over-voltage lockout
voltage
VFLT+0.1
V
VASHDN
Automatic shutdown
threshold voltage
VIN – VBATT
130
mV
IDD-ACTIVE
Active supply current
700
µA
ILK
Reverse leakage current
VIN < VBATT, T=0
oC to +70oC
2
µA
TREG
Thermal regulation
temperature
110
oC


同様の部品番号 - SMB139

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
SMB13 LITEON-SMB13 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB13 MIC-SMB13 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB13 LUGUANG-SMB13 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB130 LITEON-SMB130 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMB139

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB239 SUMMIT-SMB239 Datasheet
476Kb / 30P
   Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
   1A Linear Li-Ion Battery Charger in SOP8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com