データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB139 データシート(PDF) 10 Page - Summit Microelectronics, Inc.

部品番号 SMB139
部品情報  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB139 データシート(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMB139 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SMB139
Summit Microelectronics, Inc
2121 3.0 6/19/2008
10
APPLICATIONS INFORMATION
DEVICE OPERATION
The SMB139 is a fully programmable battery charger
for single-cell Li-Ion and Li-Polymer battery packs. The
device’s simple, linear-mode operation and ultra-small
package significantly reduce component count and
required board space. The SMB139 provides four main
charging phases: trickle-charge, pre-conditioning (pre-
charge), constant (fast-charge) current and constant
voltage. The overall system accuracy of the SMB139 is
1%, allowing for a higher capacity utilization versus
other conventional solutions. The main battery charging
parameters are programmable, allowing for high design
flexibility and sophisticated battery management.
Furthermore, the SMB139 offers many advanced
protection features, allowing applications to meet strict
safety standards without the need for additional cost
and components.
Power Supply
The SMB139 can be powered from an input voltage
between +4.35 and +6.5 Volts applied between the IN
pin and ground. The voltage on the IN pin is monitored
by an Under-Voltage (UVLO) circuit, which prevents the
charger from turning on when the voltage at this node is
less than the UVLO threshold (+3.5V). The IN pin also
supplies an internal +2.5V VDD regulator, filtered by an
external capacitor attached between the VDDCAP pin
and ground; this filtered voltage is then used as an
internal VDD supply. When the input supply is
removed, the SMB139 enters a low-power shutdown
mode, exhibiting a very low discharge leakage current
(2µA), thereby extending battery life.
Pre-qualification Mode
When an external wall adaptor or another type of power
source is connected, the SMB139 performs a series of
pre-qualification tests before initiating the first charge
cycle. The input voltage level needs to be higher than
the UVLO threshold, and 130mV greater than the
battery voltage; the ENABLE input needs to be
asserted or the appropriate I2C command needs to be
asserted; and the cell temperature needs to be within
the specified temperature limits for the charging cycle
to
start.
The
pre-qualification
parameters
are
continuously monitored and charge cycle is suspended
when one of them is outside the limits.
Trickle-charge Mode
Once all pre-qualification conditions are met, the device
checks the battery voltage to decide if trickle-charging
is required. If the battery voltage is below approximately
2.0V, a charging current of 3mA (typical) is applied on
the battery cell. This allows the SMB139 to reset the
protection circuit in the battery pack and bring the
battery voltage to a higher level without compromising
safety.
Pre-charge Mode
Once the battery voltage crosses the 2.0V level, the
SMB139 pre-charges the battery to safely charge the
deeply discharged cells (Figure 3). The pre-charge
(pre-conditioning) current is programmable from 23mA
to 90mA (Register 00h). The SMB139 remains in this
mode until the battery voltage reaches the pre-charge
to fast-charge voltage threshold (programmable from
+2.4V to +3.1V in 100mV steps). If the pre-charge to
fast-charge voltage threshold is not exceeded before
the pre-charge timer expires, the charge cycle is
terminated and a corresponding timeout fault signal is
asserted (“Pre-charge Timeout” in register 36h).
Constant Current Mode
When the battery voltage exceeds the pre-charge to
fast-charge voltage threshold, the device enters the
constant current (fast charge) mode. During this mode,
the fast charge current level is set by the corresponding
register. The fast charge current is programmable from
33mA to 212mA (Register 00h).
Constant Voltage Mode
When the battery voltage reaches the pre-defined float
voltage, the fast-charge current starts diminishing. The
float voltage is programmable from +4.020V to +4.40V
in 20mV steps and is
±1% accurate over the +10°C to
+50
°C temperature range. The higher float voltage
settings of the SMB139 enable the charging of modern
battery packs with a required float voltage of 4.3V, and
4.4V. Furthermore, the ability to dynamically adjust the
float voltage allows the implementation of sophisticated
battery charging and control algorithms.
Charge Completion
The charge cycle is considered complete when the
charge current reaches the programmed termination
current
threshold.
The
termination
current
is
programmable from 10mA to 89mA (Register 01h). If
the termination current threshold is not met before the
fast-charge timer expires, the charge cycle is
terminated and a corresponding timeout fault signal is
asserted (“Fast-charge Timeout” in register 36h).


同様の部品番号 - SMB139

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
SMB13 LITEON-SMB13 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB13 MIC-SMB13 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB13 LUGUANG-SMB13 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB130 LITEON-SMB130 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMB139

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB239 SUMMIT-SMB239 Datasheet
476Kb / 30P
   Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
   1A Linear Li-Ion Battery Charger in SOP8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com