データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB214A データシート(PDF) 10 Page - Summit Microelectronics, Inc.

部品番号 SMB214A
部品情報  High-power, Three-channel Programmable DC-DC System Power Managers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214A データシート(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMB214A Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
10
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Programmable Monitoring Thresholds
VPUV1
Programmable UV1 threshold
Programmable UV1 threshold
voltage measured on VBATT pin
in 150 mV increments
2.55
3.60
V
VPUV2
Programmable UV2 threshold
Programmable UV2 threshold
voltage measured on VBATT pin
in 150 mV increments
2.55
3.60
V
∆VPUV2
UV2 accuracy
±2
%
∆VPUV1
UV1 accuracy
±2
%
-5
-10
-15
PUVTH
Programmable under-voltage
threshold
Output voltage relative to
nominal operating voltage.
Note 3.
-20
%
+5
+10
+15
POVTH
Programmable over-voltage
threshold
Output voltage relative to
nominal operating voltage.
Note 3.
+20
%
Note 1: Voltage accuracies are only guaranteed for factory-programmed settings. Changing the output voltage from that reflected in the customer
specific CSIR code might result in inaccuracies exceeding those specified above by 1%.
Note 2: For more accurate active current levels under several load conditions, Summit’s proprietary design software can be used. Contact the
factory for more information.
Note 3: Guaranteed by Design and Characterization – not 100% tested in Production.


同様の部品番号 - SMB214A

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
More results

同様の説明 - SMB214A

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
logo
B&K Precision Corporati...
PVS10005 BK-PVS10005 Datasheet
727Kb / 6P
   High Power Programmable DC Power Supplies
logo
Summit Microelectronics...
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
   Programmable Power Managers with Digital Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com