データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN210ACMLX データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FIN210ACMLX
部品情報  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210ACMLX データシート(HTML) 3 Page - Fairchild Semiconductor

  FIN210ACMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
3
FIN210AC (Deserializer DIRI=0) Pin Descriptions
Pin Name
Description
0 Deserializer
DIRI
Control to determine serializer or deserializer configuration.
1 Serializer
0 Internal termination used
XTERM
Control to determine if using internal or external termination
1 External termination required on CKSI & DSI
S0
Signals used to define the edge rate of parallel I/O.
See Table 2 Deserializer (DIRI=0) Control Pin.
S1
Signals used to define the edge rate of parallel I/O.
See Table 2 Deserializer (DIRI=0) Control Pin.
PWS0
Configure CKP pulse width.
See Table 2 Deserializer (DIRI=0) Control Pin.
PWS1
Configure CKP pulse width.
See Table 2 Deserializer (DIRI=0) Control Pin.
/ENZ
High-Z or known state outputs during power down
See Table 5 Deserializer (DIRI=0) Control Pin.
DP[1:10]
LV-CMOS parallel data output. (N/C if not used)
CKP
LV-CMOS word clock output or Pixel clock output.
DSI+
DSI-
CTL Differential serial input data signals.
DSI+: Positive signal; DSI-: Negative signal.
CKSI+
CKSI-
CTL Differential deserializer input bit clock.
CKSI+: Positive signal; CKSI-: Negative signal.
CKSO+
CKSO-
CTL Differential serializer output bit clock.
CKSO+: Positive signal; CKSO-: Negative signal.
No connect unless in “clock pass-through” mode.
CKREF
LV-CMOS clock input and PLL reference.
No connect unless in “clock pass-through” mode.
STROBE
LV-CMOS strobe input for latching data into the serializer.
No connect unless in “clock pass-through” mode.
/DIRO
LV-CMOS Output. Inversion of DIRI in normal operation.
No connect if not used.
VDDP
Power supply for parallel I/O. (All VDDP pins must be connected to VDDP)
VDDS
Power supply for serial I/O.
VDDA
Power supply for core.
GND
All GND pins must be connected to ground. BGA: all GND pads. MLP: Pin 28, 29, GND PAD must be grounded.
N/C
No connect. BGA: G1, F2; MLP: 10, 11; (Do not connect to GND or VDD)
Note:
2.
0=GND; 1=VDDP
FIN210AC (Deserializer DIRI=0) Pin Configurations
GND
DP[2]
CKREF
DP[5]
DP[1]
STROBE
DP[3]
VDDP
GND
PWS1
1
A
3456
2
B
C
D
E
F
G
DP[4]
DP[6]
/DIRO
CKP
CKSO+
CKSO-
DP[7]
DSI+
DSI-
DP[8]
DP[9]
VDDS
CKSI+
CKSI-
DP[10]
VDDA
DIRI
PWS0
S1
S0
/ENZ
N/C
N/C
N/C
N/C
XTRM
N/C
N/C
N/C
N/C
N/C
N/C
DESERIALIZER
GND PAD
DP[4]
CKSO+
CKSO-
DSI-
DSI+
CKSI-
CKSI+
DIRI
VDDS
1
DP[5] 2
4
DP[6]
VDDP
3
CKP 5
DP[7] 6
DP[8] 7
DP[9] 8
20
21
19
23
18
17
22
24
42-Ball BGA, 3.5 x 4.5mm, .5mm pitch (Top View)
32-pin MLP, 5mm x 5mm, .5mm pitch (Top View)
(Center pad must be grounded)
Figure 3. FIN210AC (Deserializer DIRI=0) Pin Assignments (Top View)


同様の部品番号 - FIN210ACMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

同様の説明 - FIN210ACMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com